Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 10Page - STMicroelectronics STA326 Datasheet HTML 11Page - STMicroelectronics STA326 Datasheet HTML 12Page - STMicroelectronics STA326 Datasheet HTML 13Page - STMicroelectronics STA326 Datasheet HTML 14Page - STMicroelectronics STA326 Datasheet HTML 15Page - STMicroelectronics STA326 Datasheet HTML 16Page - STMicroelectronics STA326 Datasheet HTML 17Page - STMicroelectronics STA326 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Electrical specifications
STA326
14/64
DocID11531 Rev 9
3.2
DC electrical specifications (3.3 V buffers)
Operating conditions VDD33 = 3.3 V ±0.3 V, Tamb = 25° C unless otherwise specified
3.3
Power electrical specifications
Operating conditions VDD33 = 3.3 V ±0.3 V, VL = 3.3 V, = 30 V, Tamb = 25° C unless
otherwise specified.
Table 7. DC electrical specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
-
-
-
0.8
V
VIH
High level input voltage
-
2.0
-
-
V
Vhyst
Schmitt trigger hysteresis
-
0.4
-
-
V
Vol
Low level output
IoI = 2 mA
-
-
0.15
V
Voh
High level output
Ioh = -2 mA
VDD33
- 0.15
--V
Table 8. Power electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id = 1A
-
200
270
m
Idss
Power Pchannel/Nchannel
leakage Idss
= 35 V
-
-
50
A
gN
Power Pchannel RdsON
matching
Id = 1 A
95
-
-
%
gP
Power Nchannel RdsON
matching
Id = 1 A
95
-
-
%
Dt_s
Low current dead time (static)
See test circuits,
Figure 6 and Figure 7
-
1020ns
td ON
Turn-on delay time
Resistive load
-
-
100
ns
td OFF
Turn-off delay time
Resistive load
-
-
100
ns
tr
Rise time
Resistive load, Figure 6
and Figure 7
-
-
25
ns
tf
Fall time
Resistive load, Figure 6
and Figure 7
-
-
25
ns
Supply voltage
-
10
-
36
V
VL
Low logical state voltage VL
VL = 3.3 V
0.8
-
-
V
VH
High logical state voltage VH
VL = 3.3 V
-
-
1.7
V
I-PWRDN
Supply current from in
PWRDN
Pin PWRDN = 0 V
-
-
3
mA
I-hiz
Supply current from in
3-state
= 30 V, 3-state
-
22
-
mA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com