Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 49Page - STMicroelectronics STA326 Datasheet HTML 50Page - STMicroelectronics STA326 Datasheet HTML 51Page - STMicroelectronics STA326 Datasheet HTML 52Page - STMicroelectronics STA326 Datasheet HTML 53Page - STMicroelectronics STA326 Datasheet HTML 54Page - STMicroelectronics STA326 Datasheet HTML 55Page - STMicroelectronics STA326 Datasheet HTML 56Page - STMicroelectronics STA326 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
DocID11531 Rev 9
53/64
STA326
User programmable processing
64
8.7
Reading a coefficient from RAM
write 8 bits of address to I2C register 0x16
write 1 to bit R1 (D2) of I2C register 0x26
read top 8 bits of coefficient in I2C address 0x17
read middle 8 bits of coefficient in I2C address 0x18
read bottom 8 bits of coefficient in I2C address 0x19
8.8
Reading a set of coefficients from RAM
write 8 bits of address to I2C register 0x16
write 1 to bit RA (D3) of I2C register 0x26
read top 8 bits of coefficient in I2C address 0x17
read middle 8 bits of coefficient in I2C address 0x18
read bottom 8 bits of coefficient in I2C address 0x19
read top 8 bits of coefficient b2 in I2C address 0x1A
read middle 8 bits of coefficient b2 in I2C address 0x1B
read bottom 8 bits of coefficient b2 in I2C address 0x1C
read top 8 bits of coefficient a1 in I2C address 0x1D
read middle 8 bits of coefficient a1 in I2C address 0x1E
read bottom 8 bits of coefficient a1 in I2C address 0x1F
read top 8 bits of coefficient a2 in I2C address 0x20
read middle 8 bits of coefficient a2 in I2C address 0x21
read bottom 8 bits of coefficient a2 in I2C address 0x22
read top 8 bits of coefficient b0 in I2C address 0x23
read middle 8 bits of coefficient b0 in I2C address 0x24
read bottom 8 bits of coefficient b0 in I2C address 0x25
8.9
Writing a single coefficient to RAM
write 8 bits of address to I2C register 0x16
write top 8 bits of coefficient in I2C address 0x17
write middle 8 bits of coefficient in I2C address 0x18
write bottom 8 bits of coefficient in I2C address 0x19
write 1 to W1 bit in I2C address 0x26
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com