Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 52Page - STMicroelectronics STA326 Datasheet HTML 53Page - STMicroelectronics STA326 Datasheet HTML 54Page - STMicroelectronics STA326 Datasheet HTML 55Page - STMicroelectronics STA326 Datasheet HTML 56Page - STMicroelectronics STA326 Datasheet HTML 57Page - STMicroelectronics STA326 Datasheet HTML 58Page - STMicroelectronics STA326 Datasheet HTML 59Page - STMicroelectronics STA326 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
User programmable processing
STA326
56/64
DocID11531 Rev 9
8.11
Variable max power correction (addr 0x27, 0x28)
MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This coefficient is
used in place of the default coefficient when MPCV = 1.
8.12
Fault detect recovery (addr 0x2B, 0x2C)
FDRC bits specify the 16-bit fault detect recovery time delay. When FAULT is asserted, the
output TRISTATE will be immediately asserted low and held low for the time period specified
by this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x000C specifies approximately 1 ms.
8.13
Status (addr 0x2D)
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
001011
0
1
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
110000
0
0
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00000000
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00001100
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
Reserved
Reserved
Reserved
Reserved
Reserved
FAULT
TWARN
0
0
000000
Table 64. TWARN
D0
Thermal warning
0
Thermal warning condition
1
Normal operation
Table 65. FAULT
D1
IC fault
0
IC fault condition
1
Normal operation
Table 66. PLLUL
D7
PLL unlocked
0
Normal operation
1
PLL unlocked
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com