Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 7Page - STMicroelectronics STA326 Datasheet HTML 8Page - STMicroelectronics STA326 Datasheet HTML 9Page - STMicroelectronics STA326 Datasheet HTML 10Page - STMicroelectronics STA326 Datasheet HTML 11Page - STMicroelectronics STA326 Datasheet HTML 12Page - STMicroelectronics STA326 Datasheet HTML 13Page - STMicroelectronics STA326 Datasheet HTML 14Page - STMicroelectronics STA326 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
DocID11531 Rev 9
11/64
STA326
Pin out
64
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
17
I/O
GND_CLEAN
Logical ground
18
I/O
GND_REG
Regulated ground
19
I/O
VDD_REG
Logic supply
20
I/O
VL
Logic supply
21
I
CONFIG
Logic levels
22
I
RESET
Reset
23
I
SCL
I2C serial clock
24
I/O
SDA
I2C serial data
25
RES
RESERVED
This pin must be connected to GND
26
I
PLL_FILTER
Connection to PLL filter
27
I
XTI
PLL input clock
28
I/O
GNDA
Analog ground
29
I/O
VDDA
Analog supply, nominally 3.3 V
30
I
SDI
I2S serial data channels 1 & 2
31
I/O
LRCKI
I2S left/right clock,
32
I
BICKI
I2S serial clock
33
I/O
GND
Digital ground
34
I/O
VDD
Digital supply, nominally 3.3 V
35
I/O
VSS
5 V regulator referred to +
36
I/O
VCC_SIGN
5 V regulator referred to ground
Table 2. Pin list
Number
Type
Name
Description
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com