Electronic Components Datasheet Search
  English  ▼

X  

STA326 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 30Page - STMicroelectronics STA326 Datasheet HTML 31Page - STMicroelectronics STA326 Datasheet HTML 32Page - STMicroelectronics STA326 Datasheet HTML 33Page - STMicroelectronics STA326 Datasheet HTML 34Page - STMicroelectronics STA326 Datasheet HTML 35Page - STMicroelectronics STA326 Datasheet HTML 36Page - STMicroelectronics STA326 Datasheet HTML 37Page - STMicroelectronics STA326 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Register description
STA326
34/64
DocID11531 Rev 9
7.6
Configuration register F (addr 0x05)
Setting the IDE bit enables this function, which looks at the input I2S data and clocking and
will automatically mute all outputs if the signals are perceived as invalid.
Detects loss of input MCLK in binary mode and will output 50% duty cycle to prevent audible
artifacts when input clocking is lost.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
Reserved
BCLE
IDE
OCFG1
OCFG0
01
0
1
1
1
0
0
Table 39. Output configuration selection
Bit
R/W
RST
Name
Description
1:0
RW
00
OCFG[1:0]
Output configuration selection
00: 2-channel (full-bridge) power, 1-channel
DDX® is
default
Table 40. Output configuration selection
OCFG[1:0]
Output power configuration
00
2 channel (full-bridge) power, 1 channel
DDX®:
1A/1B
 1A/1B
2A/2B
 2A/2B
01
2 (half-bridge) and 1 (full-bridge) on-board power:
1A
 1A binary
2A
 1B binary
3A/3B
 2A/2B binary
10
Reserved
11
1 channel mono-parallel:
3A
 1A/1B
3B
 2A/2B
Table 41. Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
RW
1
IDE
Invalid input detect auto-mute enable:
0: disabled
1: enabled
Table 42. Binary clock loss detection enable
Bit
R/W
RST
Name
Description
3
RW
1
BCLE
Binary output mode clock loss detection enable
0: disabled
1: enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com