Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 18 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV8701PRGET.B Datasheet HTML 14Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 15Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 16Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 17Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 18Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 19Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 20Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 21Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
GH1
GL1
SH1
VGHS
VGLS
Pre-Drive
GH2
GL2
SH2
VGHS
VGLS
VM
BDC
Logic
PH or IN1
EN or IN2
SP
RSENSE
SN
nSLEEP
VM
Pre-Drive
ROFF
ROFF
ROFF
ROFF
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3.5 PWM Motor Gate Drivers
The DRV8701 contains gate drivers for a single H-bridge with external NMOS FETs. Figure 24 shows a block
diagram of the gate driver circuitry.
Figure 24. PWM Motor Gate Drivers
Gate drivers inside the DRV8701 directly drive N-channel MOSFETs, which drive the motor current. The high-
side gate drive is supplied by the charge pump, while the low-side gate drive voltage is generated by an internal
regulator.
The peak drive current of the gate drivers is adjustable through the IDRIVE pin. Peak source currents may be set
to 6, 12.5, 25, 100, or 150 mA. The peak sink current is approximately 2× the peak source current. Adjusting the
peak current changes the output slew rate, which also depends on the FET input capacitance and gate charge.
The peak drive current is selected by setting the value of the RIDRIVE resistor on the IDRIVE pin or by forcing a
voltage onto the IDRIVE pin (see Table 6 for details).
Fast switching times can cause extra voltage noise on VM and GND. This can be especially due to a relatively
slow reverse-recovery time of the low-side body diode, where it conducts reverse-bias momentarily, being similar
to shoot-through. Slow switching times can cause excessive power dissipation since the external FETs take a
longer time to turn on and turn off.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com