Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 25 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8701PRGET.B Datasheet HTML 21Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 22Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 23Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 24Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 25Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 26Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 27Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 28Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
GH1
GL1
SH1
GH2
GL2
SH2
BDC
SP
RSENSE
SN
VM
VM
1 µF
0.1 µF
VCP
CP2
CP1
10 k
Ÿ
43 k
Ÿ
0.1 µF
Bulk
10 µF min
+
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
7.3.14 Reverse Supply Protection
The following circuit may be implemented to protect the system from reverse supply conditions. This circuit
requires the following additional components:
•
NMOS FET
•
npn BJT
•
Diode
•
10-k
Ω resistor
•
43-k
Ω resistor
Figure 32. Reverse Supply Protection External Circuitry
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com