Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 31 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV8701PRGET.B Datasheet HTML 27Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 28Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 29Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 30Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 31Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 32Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 33Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 34Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
GH2
SH2
GL2
SP
SN
GL1
AVDD
DVDD
nFAULT
SNSOUT
SO
IDRIVE
24
23
22
21
20
19
7
8
9
10
11
12
0.01 µF
1 µF
0.1 µF
R1
R2
68 k
Ÿ
10 k
Ÿ
10 k
Ÿ
1 µF
1 µF
50 m
Ÿ
VBAT
VBAT
BDC
Boost
0.1 µF
10 µF
+
AVDD
C1
+
GND
(PPAD)
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
8.2.2 Alternate Application
In this example, the DRV8701 is powered from a supply that is boosted above VBAT. This allows the system to
work at lower VBAT voltages, but requires the user to disable OCP monitoring.
Figure 40. DRV8701 on Boosted Supply
8.2.2.1 Design Requirements
Table 11 gives design input parameters for system design.
Table 11. Design Parameters
Design Parameter
Reference
Example Value
12 V nominal
Battery voltage
VBAT
Minimum operation: 4.0 V
VM = 7 V when VBAT < 7 V
DRV8701 supply voltage
VM
VM = VBAT when VBAT
≥ 7 V
FET total gate charge
QG
42 nC
FET gate-to-drain charge
QGD
11 nC
Motor current chopping level
ICHOP
3 A
8.2.3 Detailed Design Procedure
8.2.3.1 IDRIVE Configuration
Because the VM supply to the DRV8701 is different from the external H-bridge supply VBAT, the designer must
disable the overcurrent monitor to prevent false overcurrent detection. The designer must place a 68-k
Ω resistor
between the IDRIVE pin and AVDD.
IDRIVE is fixed at 25-mA source and 50-mA sink in this mode.
So, the rise time is 11 nC / 25 mA = 440 ns.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com