Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8701PRGET.B Datasheet HTML 7Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 8Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 9Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 10Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 11Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 12Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 13Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 14Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
90
95
100
105
110
115
120
125
130
D017
T A ±ƒ&
T A = 25°C
T A = 85°C
T A = 125°C
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
130
135
140
145
150
155
160
165
170
175
180
185
D018
T A ±ƒ&
T A = 25°C
T A = 85°C
T A = 125°C
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
12
12.5
13
13.5
14
14.5
15
15.5
16
D015
T A ±ƒ&
T A = 25°C
T A = 85°C
T A = 125°C
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
24
25
26
27
28
29
30
31
32
33
D016
T A ±ƒ&
T A = 25°C
T A = 85°C
T A = 125°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
0
20
40
60
80
100
120
140
160
180
D013
150/300 mA
100/200 mA
25/50 mA
12.5/25 mA
6/12.5 mA
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
4.8
5
5.2
5.4
5.6
5.8
6
6.2
D014
T A ±ƒ&
T A = 25°C
T A = 85°C
T A = 125°C
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
Typical Characteristics (continued)
Figure 13. High-Side IDRIVEP over Temperature (VM = 12 V)
Figure 14. 6-/12.5-mA High-Side IDRIVEP over VM
Figure 15. 12.5-/25-mA High-Side IDRIVEP over VM
Figure 16. 25-/50-mA High-Side IDRIVEP over VM
Figure 17. 100-/200-mA High-Side IDRIVEP over VM
Figure 18. 150-/300-mA High-Side IDRIVEP over VM
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com