Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 33 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8701PRGET.B Datasheet HTML 29Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 30Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 31Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 32Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 33Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 34Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 35Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 36Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
1 µF
0.1 µF
24
23
22
21
20
7
8
9
10
11
12
AVDD
DVDD
nFAULT
SNSOUT
SO
IDRIVE
GL1
SN
SP
GL2
SH2
GH2
GND
(PPAD)
19
RIDRIVE
1 µF
1 µF
0.1 µF
D
D
D
D
G
S
S
S
S
D
D
D
D
G
S
S
S
S
S
G
D
D
D
D
S
S
S
G
D
D
D
D
RSENSE
10 µF
minimum
GND
GND
GND
+
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
10 Layout
10.1 Layout Guidelines
Bypass the VM pin to GND using a low-ESR ceramic bypass capacitor with a recommended value of 0.1 µF
rated for VM. Place this capacitor as close to the VM pin as possible with a thick trace or ground plane
connection to the device GND pin.
Bypass the VM pin to ground using a bulk capacitor rated for VM. This component may be an electrolytic. This
capacitance must be at least 10 µF. The bulk capacitor should be placed to minimize the distance of the high-
current path through the external FETs. The connecting metal trace widths should be as wide as possible, and
numerous vias should be used when connecting PCB layers. These practices minimize inductance and allow the
bulk capacitor to deliver high current.
Place a low-ESR ceramic capacitor in between the CPL and CPH pins. The value for this component is 0.1 µF
rated for VM. Place this component as close to the pins as possible.
Place a low-ESR ceramic capacitor in between the VM and VCP pins. The value for this component is 1 µF rated
for 16 V. Place this component as close to the pins as possible.
Bypass AVDD and DVDD to ground with ceramic capacitors rated at 6.3 V. Place these bypassing capacitors as
close to the pins as possible.
If desired, align the external NMOS FETs as shown in Figure 42 to facilitate layout. Route the SH2 and SH1 nets
to the motor.
Use separate traces to connect the SP and SN pins to the RSENSE terminals.
10.2 Layout Example
Figure 42. Layout Recommendation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com