Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET.B Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8701PRGET.B
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET.B Datasheet(HTML) 5 Page - Texas Instruments

  DRV8701PRGET.B Datasheet HTML 1Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 2Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 3Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 4Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 5Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 6Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 7Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 8Page - Texas Instruments DRV8701PRGET.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range referenced with respect to GND (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage (VM)
–0.3
47
V
Power supply voltage ramp rate (VM)
0
2
V/µs
Charge pump voltage (VCP, CPH)
–0.3
VM + 12
V
Charge pump negative switching pin (CPL)
–0.3
VM
V
Internal logic regulator voltage (DVDD)
–0.3
3.8
V
Internal analog regulator voltage (AVDD)
–0.3
5.75
V
Control pin voltage (PH, EN, IN1, IN2, nSLEEP, nFAULT, VREF, IDRIVE, SNSOUT)
–0.3
5.75
V
High-side gate pin voltage (GH1, GH2)
–0.3
VM + 12
V
Continuous phase node pin voltage (SH1, SH2)
–1.2
VM + 1.2
V
Pulsed 10 µs phase node pin voltage (SH1, SH2)
–2.0
VM + 2
V
Low-side gate pin voltage (GL1, GL2)
–0.3
12
V
Continuous shunt amplifier input pin voltage (SP, SN)
–0.5
1
V
Pulsed 10-µs shunt amplifier input pin voltage (SP, SN)
–1
1
V
Shunt amplifier output pin voltage (SO)
–0.3
5.75
V
Open-drain output current (nFAULT, SNSOUT)
0
10
mA
Gate pin source current (GH1, GL1, GH2, GL2)
0
250
mA
Gate pin sink current (GH1, GL1, GH2, GL2)
0
500
mA
Shunt amplifier output pin current (SO)
0
5
mA
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM) ESD stress voltage(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM) ESD stress voltage(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VM
Power supply voltage range
5.9
45
V
VCC
Logic level input voltage
0
5.5
V
VREF
Reference RMS voltage range (VREF)
0.3(1)
AVDD
V
ƒPWM
Applied PWM signal (PH/EN or IN1/IN2)
100
kHz
IAVDD
AVDD external load current
30(2)
mA
IDVDD
DVDD external load current
30(2)
mA
ISO
Shunt amplifier output current loading (SO)
5
mA
TA
Operating ambient temperature
–40
125
°C
(1)
Operational at VREF = 0 to 0.3 V, but accuracy is degraded
(2)
Power dissipation and thermal limits must be observed
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com