Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 21 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS250DF230ZLS Datasheet HTML 17Page - Texas Instruments DS250DF230ZLS Datasheet HTML 18Page - Texas Instruments DS250DF230ZLS Datasheet HTML 19Page - Texas Instruments DS250DF230ZLS Datasheet HTML 20Page - Texas Instruments DS250DF230ZLS Datasheet HTML 21Page - Texas Instruments DS250DF230ZLS Datasheet HTML 22Page - Texas Instruments DS250DF230ZLS Datasheet HTML 23Page - Texas Instruments DS250DF230ZLS Datasheet HTML 24Page - Texas Instruments DS250DF230ZLS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
Differential
Voltage
Time [UI]
v1
v2
v3
v4
v5
v6
v7
v8
0V
Transmitted
Bits: 0
0
1
1
1
1
0
0
0
0
1
0
1
Figure 8-4. Conceptual FIR Waveform With Both Pre- and Post-Cursor
8.3.9.1 Setting the Output VOD, Pre-Cursor, and Post-Cursor Equalization
The output differential voltage (VOD), pre-cursor, and post-cursor equalization of the driver is controlled by
manipulating the FIR tap settings. The main cursor tap is the primary knob for amplitude adjustment. The
pre- and post-cursor FIR tap settings can then be adjusted to provide equalization. To maintain a constant
peak-to-peak VOD, the user must adjust the main cursor tap value relative to the pre- and post-cursor tap
changes so as to maintain a constant absolute sum of the FIR tap values. Table 8-2 shows various settings for
VOD settings ranging from 350 mVpp to 1195 mVpp (typical). Note that the output peak-to-peak amplitude is a
function of the sum of the absolute values of the taps, whereas the low-frequency amplitude is purely a function
of the main-cursor value.
Table 8-2. Typical VOD and FIR Values
FIR SETTINGS
Peak-to Peak
VOD(V)
RPRE(dB)
RPST(dB)
PRE-CURSOR:
REG_0x3E[6:0]
MAIN-CURSOR:
REG_0x3D[6:0]
POST-CURSOR:
REG_0x3F[6:0]
0
+3
0
0.350
NA
NA
0
+4
0
0.392
NA
NA
0
+5
0
0.436
NA
NA
0
+6
0
0.482
NA
NA
0
+7
0
0.524
NA
NA
0
+8
0
0.562
NA
NA
0
+9
0
0.602
NA
NA
0
+10
0
0.638
NA
NA
0
+11
0
0.678
NA
NA
0
+12
0
0.710
NA
NA
0
+13
0
0.748
NA
NA
0
+14
0
0.782
NA
NA
0
+15
0
0.816
NA
NA
0
+16
0
0.846
NA
NA
0
+17
0
0.880
NA
NA
0
+18
0
0.910
NA
NA
0
+19
0
0.944
NA
NA
0
+20
0
0.968
NA
NA
0
+21
0
0.998
NA
NA
0
+22
0
1.028
NA
NA
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com