Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 13 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS250DF230ZLS Datasheet HTML 9Page - Texas Instruments DS250DF230ZLS Datasheet HTML 10Page - Texas Instruments DS250DF230ZLS Datasheet HTML 11Page - Texas Instruments DS250DF230ZLS Datasheet HTML 12Page - Texas Instruments DS250DF230ZLS Datasheet HTML 13Page - Texas Instruments DS250DF230ZLS Datasheet HTML 14Page - Texas Instruments DS250DF230ZLS Datasheet HTML 15Page - Texas Instruments DS250DF230ZLS Datasheet HTML 16Page - Texas Instruments DS250DF230ZLS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
7.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLKODC
Intrinsic calibration clock duty
cycle distortion
Intrinsic duty cycle distortion of
chip calibration clock output at the
CAL_CLK_OUT pin, assuming 50% duty
cycle on CAL_CLK_IN pin.
45
50
55 Percent
CLKnum
Number of devices which can be
cascaded from CAL_CLK_OUT to
CAL_CLK_IN
Assumes worst-case 60%/40% input duty
cycle on the first device. CAL_CLK_OUT
from first device connects to CAL_CLK_IN
of second device, and so on until the last
device.
20
N/A
LVCMOS DC SPECIFICATIONS
VIH
Input high-level voltage
2.5 V LVCMOS pins
1.75
VDD
V
3.3 V LVCMOS pin (READ_EN_N)
1.75
3.6
V
VIL
Input low-level voltage
2.5 V LVCMOS pins
GND
0.7
V
3.3 V LVCMOS pin (READ_EN_N)
GND
0.8
V
Vth
High-level(1) input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.98 x VDD
V
Float level input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.69 x VDD
V
10K to GND input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.25 x VDD
V
Low-level (0) input voltage
4-level pins ADDR0, ADDR1, EN_SMB
and THR
0.1
V
VOH
High-level output voltage
IOH = 4mA
2
V
VOL
Low-level output voltage
IOL = -4mA
0.4
V
IIH
Input high leakage current
Vinput = VDD, Open drain pins
70
uA
Input high leakage current
Vinput = VDD and CAL_CLK_IN pins
65
uA
Input high leakage current
Vinput = VDD, ADDR[1:0] and EN_SMB
pins
65
uA
Input high leakage current
Vinput = VDD, READ_EN_N
15
uA
IIL
Input low leakage current
Vinput = 0V, Open drain pins
–15
uA
Input low leakage current
Vinput = 0V, CAL_CLK_IN pins
–15
uA
Input low leakage current
Vinput = 0V, ADDR[1:0], READ_EN_N, and
EN_SMB pins
–115
uA
(1)
From low assertion of READ_EN_N to low_assertion of ALL_DONE_N. Does not include Power-On Reset time
(2)
Measured with an evaluation board which uses microstrip traces and low-loss dielectric with approximately 4 dB insertion loss at 12.9
GHz between DS250DF230 and the measurement instrument.
(3)
Prior to EQ adaptation completion, retimer output may not be error-free.
(4)
There may be an observed increase from the typical tEQ_Adapt time for lower line rates (e.g. 10.3125 Gbps).
(5)
Measured with an evaluation board which uses microstrip traces and low-loss dielectric with approximately 4 dB insertion loss at 12.9
GHz between DS250DF230 and the measurement instrument.
(6)
Measured with input data from DS280DF810 evaluation board, at 24.33024 Gbps or 10.1376 Gbps or 25.78125Gbps or 10.3125
Gbps.
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com