Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 39 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 39 Page - Texas Instruments

Back Button DS250DF230ZLS Datasheet HTML 35Page - Texas Instruments DS250DF230ZLS Datasheet HTML 36Page - Texas Instruments DS250DF230ZLS Datasheet HTML 37Page - Texas Instruments DS250DF230ZLS Datasheet HTML 38Page - Texas Instruments DS250DF230ZLS Datasheet HTML 39Page - Texas Instruments DS250DF230ZLS Datasheet HTML 40Page - Texas Instruments DS250DF230ZLS Datasheet HTML 41Page - Texas Instruments DS250DF230ZLS Datasheet HTML 42Page - Texas Instruments DS250DF230ZLS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Table 8-10. Channel Registers, 0 to 39
ADDRESS
(HEX)
BITS
DEFAULT
VALUE
(HEX)
MODE
EEPROM
FIELD NAME
DESCRIPTION
00
7
0
RW
N
RESERVED
RESERVED
6
0
RW
N
RESERVED
RESERVED
5
0
RW
N
RESERVED
RESERVED
4
0
RW
N
RESERVED
RESERVED
3
0
RW
N
RST_CORE
1: Reset the 10M core clock domain.
This is the main clock domain for all
the state machines
0: Normal operation
2
0
RW
N
RST_REGS
1: Reset channel registers to power-up
defaults.
0: Normal operation
1
0
RW
N
RST_VCO
1: Resets the CDR S2P clock domain,
includes PPM counter, EOM counter.
0: Normal operation
0
0
RW
N
RST_REFCLK
1: Resets the 25MHz reference clock
domain, includes PPM counter. Does
not work if 25MHz clock is not present.
0: Normal operation
01
7
0
R
N
SIGDET
Raw Signal Detect observation
6
0
R
N
POL_INV_DET
Indicates PRBS checker detected
polarity inversion in the locked data
sequence.
5
0
R
N
CDR_LOCK_LOSS_INT
1: Indicates loss of CDR lock after
having acquired it. Bit clears on
read. Feature must be enabled with
Reg_0x31[1]
4
0
R
N
PRBS_SEQ_DET[3]
Indicates the pattern detected on the
input serial stream
0xxx: No detect
1000: 7 bits PRBS sequence
1001: 9 bits PRBS sequence
1010: 11 bits PRBS sequence
1011: 15 bits PRBS sequence
1100: 23 bits PRBS sequence
1101: 31 bits PRBS sequence
1110: 58 bits PRBS sequence
1111: 63 bits PRBS sequence
3
0
R
N
PRBS_SEQ_DET[2]
2
0
R
N
PRBS_SEQ_DET[1]
1
0
R
N
PRBS_SEQ_DET[0]
0
0
R
N
SIG_DET_LOSS_INT
Loss of signal indicator, set once
signal is acquired and then lost. Clears
on read. Feature must be enabled with
reg_31[0]
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com