Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 27 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 27 Page - Texas Instruments

Back Button DS250DF230ZLS Datasheet HTML 23Page - Texas Instruments DS250DF230ZLS Datasheet HTML 24Page - Texas Instruments DS250DF230ZLS Datasheet HTML 25Page - Texas Instruments DS250DF230ZLS Datasheet HTML 26Page - Texas Instruments DS250DF230ZLS Datasheet HTML 27Page - Texas Instruments DS250DF230ZLS Datasheet HTML 28Page - Texas Instruments DS250DF230ZLS Datasheet HTML 29Page - Texas Instruments DS250DF230ZLS Datasheet HTML 30Page - Texas Instruments DS250DF230ZLS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 119 page
background image
Table 8-4. Eye-Opening Monitor Full Eye Capture Instructions
STEP
REGISTER [bits]
Operation
VALUE
DESCRIPTION
1
0x67[5]
Write
0
Disable lock EOM lock monitoring
2
0x2C[6]
Write
0
Set the desired EOM vertical range
0x11[7:6]
Write
2'b--
3
0x11[5]
Write
0
Power on the EOM
4
0x24[7]
Write
1
Enable fast EOM
5
0x24[0]
0x25
0x26
Read
1
Begin read out of the 64 × 64 array, discard first 4 words
Ch reg 0x24[0] is self-clearing.
0x25 is the MSB of the 16-bit word
0x26 is the LSB of the 16-bit word
6
0x25
Read
Continue reading information until the 64 × 64 array is
complete.
0x26
7
0x67[5]
Write
1
Return the EOM to its original state. Undo steps 1-4
0x2C[6]
Write
1
0x11[5]
Write
1
0x24[7]
Write
0
8.3.11 Interrupt Signals
The DS250DF230 can be configured to report different events as interrupt signals. These interrupt signals do
not impact the operation of the device, but merely report that the selected event has occurred. The interrupt
bits in the register sets are all sticky bits. This means that when an event triggers an interrupt the status bit for
that interrupt is set to logic HIGH. This interrupt status bit will remain at logic HIGH until the bit has been read.
Once the bit has been read it will be automatically cleared, which allows for new interrupts to be detected. The
DS250DF230 will report the occurrence of an interrupt through the INT_N pin. The INT_N pin is an open-drain
output that will pull the line low when an interrupt signal is triggered.
Note that all available interrupts are disabled by default. Users must activate the various interrupts before they
can be used.
The interrupts available in the DS250DF230 are:
• CDR loss of lock
• CDR locked
• Signal detect loss
• Signal detected
• PRBS pattern checker bit error detected
• HEO/VEO threshold violation
When an interrupt occurs, share register 0x08 reports which channel generated the interrupt request. Users can
then select one or more of the channels that generated the interrupt request and service the interrupt by reading
the appropriate interrupt status bits in the corresponding channel registers. For more information on reading
interrupt status, refer to the DS2x0DF810, DS250DFx10, DS250DF230 Programmer's Guide.
www.ti.com
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com