Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 4 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 4 Page - Texas Instruments

  DS250DF230ZLS Datasheet HTML 1Page - Texas Instruments DS250DF230ZLS Datasheet HTML 2Page - Texas Instruments DS250DF230ZLS Datasheet HTML 3Page - Texas Instruments DS250DF230ZLS Datasheet HTML 4Page - Texas Instruments DS250DF230ZLS Datasheet HTML 5Page - Texas Instruments DS250DF230ZLS Datasheet HTML 6Page - Texas Instruments DS250DF230ZLS Datasheet HTML 7Page - Texas Instruments DS250DF230ZLS Datasheet HTML 8Page - Texas Instruments DS250DF230ZLS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
6 Pin Configuration and Functions
TX0P
TX0N
GND
GND
TX1P
TX1N
GND
GND
READ_EN
_N
ALL_DONE
_N
GND
GND
CAL_CLK
_IN
THR/TEST1
VDD
VDD
SDA
CAL_CLK
_OUT
EN_SMB
TEST0/
RCK0
VDD
VDD
SDC
ADDR0
GND
GND
ADDR1
INT_N
GND
GND
RX0P
RX0N
GND
GND
RX1P
RX1N
F
E
D
C
B
A
F
E
D
C
B
A
6
5
4
3
2
1
6
5
4
3
2
1
Legend
Control/Status
High-Spe ed
Gro und
Power
Figure 6-1. ZLS Package 36-Pin NFBGA Top View
1
2
3
5
6
4
Thermal Pad (DAP)
7
8
13
14
12
9
10
11
15
16
24
23
22
20
19
21
18
17
28
27
29
32
31
30
26
25
ALL_DONE_N
VDD
VDD
INT_N
ADDR0
SDC
SDA
CAL_CLK_IN
READ_EN_N
VDD
THR/TEST1
TEST0/RCK0
VDD
EN_SMB
ADDR1
CAL_CLK_OUT
Figure 6-2. RTV Package 32-Pin QFN Top View
Table 6-1. Pin Functions
PIN
TYPE
INTERNAL
PULL-UP/
PULL-
DOWN
DESCRIPTION
NAME
NFBGA
QFN
HIGH-SPEED DIFFERENTIAL I/Os
RX0P
A6
18
Input
None
Inverting and noninverting differential inputs to the equalizer. An on-
chip, 100-Ω termination resistor connects RXP to RXN. These inputs
must be AC-coupled.
RX0N
A5
19
Input
None
RX1P
A2
22
Input
None
Inverting and noninverting differential inputs to the equalizer. An on-
chip, 100-Ω termination resistor connects RXP to RXN. These inputs
must be AC-coupled.
RX1N
A1
23
Input
None
TX0P
F6
7
Output
None
Inverting and noninverting 50Ω driver outputs. These outputs must be
AC-coupled.
TX0N
F5
6
Output
None
TX1P
F2
3
Output
None
Inverting and noninverting 50Ω driver outputs. These outputs must be
AC-coupled.
TX1N
F1
2
Output
None
CALIBRATION CLOCK PINS
CAL_CLK_IN
D6
10
Input, 2.5V
LVCMOS
None
30.72-MHz (±100 PPM), 2.5-V single-ended clock from external
oscillator. No stringent phase noise or jitter requirements on this
clock. Also supports 25-MHz (±100 PPM) clock by programming the
corresponding registers.
CAL_CLK_OUT
D1
31
Output, 2.5V
LVCMOS
None
2.5-V buffered replica of calibration clock input (CAL_CLK_IN) for
connecting multiple (up to 20 or more) devices in a daisy-chained
fashion.
SYSTEM MANAGEMENT BUS (SMBus) PINS
ADDR0
C1
25
Input, 4-level
None
4-level strap pins used to set the SMBus address of the device. The pin
state is read on power-up. The multi-level nature of these pins allows
for 16 unique device addresses. The four strap options include:
0: 1 kΩ to GND
R: 10 kΩ to GND
F: Float
1: 1 kΩ to VDD
Refer to Section 8.4.3 for more information.
ADDR1
B4
16
Input, 4-level
None
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com