Electronic Components Datasheet Search
  English  ▼

X  

DS250DF230ZLS Datasheet(PDF) 8 Page - Texas Instruments

Part # DS250DF230ZLS
Description  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS250DF230ZLS Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS250DF230ZLS Datasheet HTML 4Page - Texas Instruments DS250DF230ZLS Datasheet HTML 5Page - Texas Instruments DS250DF230ZLS Datasheet HTML 6Page - Texas Instruments DS250DF230ZLS Datasheet HTML 7Page - Texas Instruments DS250DF230ZLS Datasheet HTML 8Page - Texas Instruments DS250DF230ZLS Datasheet HTML 9Page - Texas Instruments DS250DF230ZLS Datasheet HTML 10Page - Texas Instruments DS250DF230ZLS Datasheet HTML 11Page - Texas Instruments DS250DF230ZLS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
CONDITIONS(2)
DS250DF230ZLS
DS250DF230RTV
UNIT
ZLS (NFBGA)
RTV (QFN)
36 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
4-layer JEDEC board
49.3
30.3
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
4-layer JEDEC board
20.7
17.6
°C/W
RθJB
Junction-to-board thermal resistance
4-layer JEDEC board
24.5
10.7
°C/W
ΨJT
Junction-to-top characterization parameter
4-layer JEDEC board
0.5
0.2
°C/W
ΨJB
Junction-to-board characterization parameter 4-layer JEDEC board
24.7
10.6
°C/W
RθJC(bot) Junction-to-case (bot) thermal resistance
4-layer JEDEC board
--
1.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
No heat sink or airflow was assumed for these estimations. Depending on the application, a heat sink, faster airflow, and/or reduced
ambient temperature (<85 C) may be required in order to meet the maximum junction temperature specification per the Recommended
Operating Conditions.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
WChannel
Power Consumption Per
Active Channel
Active mode with CTLE, Tx FIR, full
DFE and Crosspoint enabled. Idle power
consumption not included.
256
347
mW
Active mode with CTLE, Tx FIR, and full
DFE enabled. Crosspoint disabled. Idle
power consumption not included.
248
mW
Active mode with CTLE, Tx FIR, and partial
DFE enabled(taps 1-2 only). Crosspoint
and DFE taps 3-5 disabled. Idle power
consumption not included.
235
mW
Active mode with CTLE, and Tx FIR
enabled. DFE and crosspoint disabled. Idle
power consumption not included.
226
mW
Assuming CDR acquiring lock with CTLE,
full DFE, Tx FIR, Driver, and Crosspoint
enabled. Idle power consumption not
included.
380
445
mW
Assuming CDR acquiring lock with CTLE,
full DFE, Tx FIR, Driver, and Crosspoint
disabled. Idle power consumption not
included.
333
mW
WPRBS
PRBS Checker Power
Consumption only Per Channel
200
mW
PRBS Generator Power
Consumption only Per Channel
190
mW
WStatic_Total Total Idle Power Consumption
Idle/Static mode. Power supplied, no high-
speed data present at inputs, channel
automatically powered down.
165
mW
IStatic_Total
Idle mode total device supply
current consumption
Idle/Static mode. Power supplied, no high-
speed data present at inputs, channel
automatically powered down.
66
100
mA
DS250DF230
SNLS590C – AUGUST 2018 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DS250DF230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com