Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 16Page - Monolithic Power Systems MA302 Datasheet HTML 17Page - Monolithic Power Systems MA302 Datasheet HTML 18Page - Monolithic Power Systems MA302 Datasheet HTML 19Page - Monolithic Power Systems MA302 Datasheet HTML 20Page - Monolithic Power Systems MA302 Datasheet HTML 21Page - Monolithic Power Systems MA302 Datasheet HTML 22Page - Monolithic Power Systems MA302 Datasheet HTML 23Page - Monolithic Power Systems MA302 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
20
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The X-axis or the Y-axis bias current can be
reduced to recover an equal Hall signal for all
angles and suppress the error. The parameter
ETX and ETY controls in which direction the
sensitivity is reduced. The current reduction is
set by the parameter bias current trimming
BCT(7:0), which is an integer from 0 to 255.
In side-shaft configuration (i.e.: the sensor center
is located beyond the magnet outer diameter), k
is greater than 1. For optimum compensation,
the sensitivity of the radial axis should be
reduced by setting the BCT parameter as shown
in Equation (6):
 
k
BCT
1
1
258
)
0
:
7
(
(6)
Equation (6) is plotted in Figure 17 and Table 11.
0
50
100
150
200
1
1.5
2
2.5
3
3.5
4
4.5
5
k
Figure 17: Relation between the
k Ratio and the
Optimum BCT to Recover Linearity
Table 11: Example of BCT Settings
E (deg)
Magnet Ratio k
BCT(7:0)
0
1.0
0
11.5
1.5
86
19.5
2.0
129
25.4
2.5
155
30.0
3.0
172
33.7
3.5
184
36.9
4.0
194
39.5
4.5
201
41.8
5.0
207
Determining k with the MagAlpha
It is possible to deduce the k ratio from the error
curve obtained with the default BCT setting (BCT
= 0). For this purpose, rotate the magnet over
one revolution and record the MagAlpha output.
Then plot the error curve (the MagAlpha output
minus the real mechanical position vs. the real
mechanical
position)
and
extract
two
parameters: the maximum error E and the
position of this maximum with respect to a zero
crossing am (see Figure 18). k can be calculated
with Equation (7):
)
tan(
)
tan(
m
m
a
a
E
k
(7)
Figure 18: Error Curve in Side-Shaft
Configuration with BCT = 0
Some
examples
are
given
in
Table
11.
Alternatively, the k parameter can be obtained
from the graph of Figure 19.
-40
-20
0
20
40
0
50
100
150
200
250
300
350
m
rotor angle (deg)
2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com