Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 6Page - Monolithic Power Systems MA302 Datasheet HTML 7Page - Monolithic Power Systems MA302 Datasheet HTML 8Page - Monolithic Power Systems MA302 Datasheet HTML 9Page - Monolithic Power Systems MA302 Datasheet HTML 10Page - Monolithic Power Systems MA302 Datasheet HTML 11Page - Monolithic Power Systems MA302 Datasheet HTML 12Page - Monolithic Power Systems MA302 Datasheet HTML 13Page - Monolithic Power Systems MA302 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
10
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
Sensor Front-End
The magnetic field is detected with integrated
Hall devices located in the center of the package.
The angle is measured using the SpinaxisTM
method, which directly digitizes the direction of
the
field
without
complex
arctangent
computation or feedback loop-based circuits
(interpolators).
The SpinaxisTM method is based on phase
detection and generates a sinusoidal signal with
a phase that represents the angle of the
magnetic field. The angle is then obtained by a
time-to-digital converter, which measures the
time between the zero crossing of the sinusoidal
signal and the edge of a constant waveform (see
Figure 2). The time-to-digital is output from the
front-end to the digital conditioning block.
Top: Sine Waveform
Bottom: Clock of Time-to-Digital Converter
Figure 2: Phase Detection Method
The output of the front-end delivers a digital
number proportional to the angle of the magnetic
field at the rate of 1MHz in a straightforward and
open-loop manner.
Digital Filtering
The front-end signal is further treated to achieve
the final effective resolution. This treatment does
not add any latency in steady conditions. The
filter transfer function can be calculated with
Equation (1):
2
)
1
(
2
1
)
(
s
s
s
H
(1)
Where
τ is the filter time constant, related to the
cutoff frequency by
τ = 0.38/Fcutoff. See the
General Characteristics table on page 5 for the
value of Fcutoff.
Sensor – Magnet Mounting
The sensitive volume of the MA302 is confined
in a region less than 100µm wide and has
multiple integrated Hall devices. This volume is
located both horizontally and vertically within
50µm of the center of the QFN package. The
sensor detects the angle of the magnetic field
projected in a
plane parallel to the package’s
upper surface. This means that the only relevant
magnetic field is the in-plane component (X and
Y components) in the middle point of the
package.
By default, when looking at the top of the
package, the angle increases when the magnetic
field rotates clockwise. Figure 3 shows the zero
angle of the unprogrammed sensor, where the
cross indicates the sensitive point. Both the
rotation direction and the zero angle can be
programmed.
Figure 3: Detection Point and Default Positive
Direction
This type of detection provides flexibility for the
design of an angular encoder. The sensor only
requires the magnetic vector to lie essentially
within the sensor plane with a field amplitude of
at least 30mT. Note that the MA302 can work
with fields smaller than 30mT, but the linearity
and resolution performance may deviate from
the specifications. The most straightforward
mounting method is to place the MA302 sensor
on the rotation axis of a permanent magnet (i.e.:
a diametrically magnetized cylinder) (see Figure
4). A typical magnet is a Neodymium alloy (N35)
cylinder with dimensions Ø5x3mm inserted into
an aluminum shaft with an air gap between the
magnet and the sensor (surface of package) of
1.5mm. For good linearity, the sensor is
positioned with a precision of 0.5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com