Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA302 Datasheet HTML 1Page - Monolithic Power Systems MA302 Datasheet HTML 2Page - Monolithic Power Systems MA302 Datasheet HTML 3Page - Monolithic Power Systems MA302 Datasheet HTML 4Page - Monolithic Power Systems MA302 Datasheet HTML 5Page - Monolithic Power Systems MA302 Datasheet HTML 6Page - Monolithic Power Systems MA302 Datasheet HTML 7Page - Monolithic Power Systems MA302 Datasheet HTML 8Page - Monolithic Power Systems MA302 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MagAlpha MA302
12-Bit, Digital, Contactless Angle Sensor
with ABZ & UVW Incremental Outputs
MA302 Rev. 1.1
www.MonolithicPower.com
1
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MA302
detects the
absolute
angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. Fast data acquisition and processing
provide accurate angle measurement at speeds
from 0 to 60,000 rpm.
The MA302 supports a wide range of magnetic
field strengths and spatial configurations. Both
end-of-shaft and off-axis (side-shaft mounting)
configurations are supported.
The MA302 features magnetic field strength
detection with programmable thresholds to allow
sensing of the magnet position relative to the
sensor for creation of functions such as sensing
of axial movements or for diagnostics.
On-chip non-volatile memory provides storage
for
configuration
parameters,
including
the
reference zero angle position, ABZ encoder
settings, UVW pole pair emulation settings, and
magnetic field detection thresholds.
FEATURES
 12-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life
 SPI Serial Interface for Digital Angle Readout
and Chip Configuration
 Incremental 10-Bit ABZ Quadrature Encoder
Interface with Programmable Pulses Per
Turn from 1 to 256
 UVW Interface with 1 to 8 Pole Pair
Emulation
 Programmable Magnetic Field Strength
Detection for Diagnostic Checks
 3.3V, 12mA Supply
 -40°C to +125°C Operating Temperature
 Available in a QFN-16 (3mmx3mm) Package
APPLICATIONS
 Brushless DC Motor Servo Drives
 Motor Commutation
 Motor Speed and Position Control
 Robotics
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MA302

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA302 MPS-MA302 Datasheet
1Mb / 17P
MagAlpha Communication Kit
logo
SELEC Controls Pvt. Ltd
MA302 SELEC-MA302 Datasheet
410Kb / 1P
Digital Ammeter
logo
Monolithic Power System...
MA302 MPS-MA302 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA302 MPS-MA302 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Panasonic Semiconductor
MA3020 PANASONIC-MA3020 Datasheet
108Kb / 7P
Silicon planar type
More results

Similar Description - MA302

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
logo
MPS Industries, Inc.
MAQ430 MPSIND-MAQ430 Datasheet
1Mb / 30P
12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
Rev. 1.2 8/8/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com