Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 20Page - Monolithic Power Systems MA302 Datasheet HTML 21Page - Monolithic Power Systems MA302 Datasheet HTML 22Page - Monolithic Power Systems MA302 Datasheet HTML 23Page - Monolithic Power Systems MA302 Datasheet HTML 24Page - Monolithic Power Systems MA302 Datasheet HTML 25Page - Monolithic Power Systems MA302 Datasheet HTML 26Page - Monolithic Power Systems MA302 Datasheet HTML 27Page - Monolithic Power Systems MA302 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
24
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABZ Jitter
The ABZ state is updated at a frequency of
16MHz, enabling accurate operation up to a very
high rpm (above 105 rpm).
The jitter characterizes how far a particular ABZ
edge can occur at an angular position different
from the ideal position (see Figure 25).
Figure 25: ABZ Jitter
The
measurable
jitter
is
composed
of
a
systematic jitter (always the same deviation at a
given angle) and a random jitter.
The random jitter reflects the sensor noise, so
the edge distribution is the same as the SPI
output noise. Like the sensor resolution, it is
defined as the 3σ width of this distribution.
The random jitter is a function of the rotation
speed. At lower speeds, the random jitter is
smaller than the sensor noise (see the Typical
Characteristic curves on page 7).
This is a consequence of the fact that the
probability of measuring an edge at a certain
distance from the ideal position depends on the
number of ABZ updates at this position.
The minimum field for ABZ reading is 30mT.
Block Commutation – UVW
The UVW output emulates the three Hall
switches usually used for the block commutation
of a three-phase electric motor. The three logic
signals have a duty cycle of 50% and are shifted
by 60° relative to each other (see Figure 26).
Figure 26: UVW Output for One Pole Pair Rotor
during Rotation
If the number of pole pairs of the motor exceeds
the number of pole pairs of the target magnet,
the MA302 is able to generate more than one
UVW cycle per revolution. It does this by dividing
the digital angle into the required number of
commutation steps per 360° revolution. The
parameter NPP(2:0) in register 0x7 sets the
number of
pole pairs emulated,
and the
corresponding commutation step angle for the
UVW signals. Table 18 describes the pole pair
configuration options.
Table 18: Number of UVW Pair Poles
NPP
(2:0)
Pole
Pairs
States per
Revolution
State Width
(deg)
000
1
6
60
001
2
12
30
010
3
18
20
011
4
24
15
100
5
30
12
101
6
36
10
110
7
42
8.6
111
8
48
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com