Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MA302 Datasheet HTML 21Page - Monolithic Power Systems MA302 Datasheet HTML 22Page - Monolithic Power Systems MA302 Datasheet HTML 23Page - Monolithic Power Systems MA302 Datasheet HTML 24Page - Monolithic Power Systems MA302 Datasheet HTML 25Page - Monolithic Power Systems MA302 Datasheet HTML 26Page - Monolithic Power Systems MA302 Datasheet HTML 27Page - Monolithic Power Systems MA302 Datasheet HTML 28Page - Monolithic Power Systems MA302 Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
28
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPENDIX A: DEFINITIONS
Effective
Resolution (3σ
noise level)
The smallest angle increment distinguishable from the noise. The
resolution is measured by computing 3 times
σ (the standard deviation
in degrees) taken over 1,000 data points at a constant position. The
resolution in bits is obtained with log2(360/6σ).
Refresh Rate
Rate at which new data points are stored in the output buffer.
ABZ Update Rate
Rate at which a new ABZ sate is computed. The inverse of this rate is
the minimum time between 2 ABZ edges.
Latency
The time elapsed between the instant when the data is ready to be read
and the instant at which the shaft passes that position. The lag in
degrees is
, where
������ is the angular velocity in deg/s.
Power-Up Time
Time until the sensor delivers valid data starting at power-up.
Integral Non-Linearity
(INL)
Maximum deviation between the average sensor output (at a fixed
position) and the true mechanical angle.
It can be obtained from the error curve
, where
is the average over 1,000 sensor outputs, and
is the
mechanical angle indicated by a high precision encoder (<0.001 deg).
The INL is then computed with:
2
))
(
min(
))
(
max(
a
err
a
err
INL
(A1)
Drift
Angle variation rate when one parameter is changed (e.g.: temperature,
VDD) and all the others, including the shaft angle, are maintained
constant.
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
700
rotor position (deg)
resolution
( ± 3
)
ideal
sensor output
INL
lag
sensor out
best straight fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com