Electronic Components Datasheet Search
  English  ▼

X  

MA302 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA302
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ & UVW Incremental Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA302 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA302 Datasheet HTML 1Page - Monolithic Power Systems MA302 Datasheet HTML 2Page - Monolithic Power Systems MA302 Datasheet HTML 3Page - Monolithic Power Systems MA302 Datasheet HTML 4Page - Monolithic Power Systems MA302 Datasheet HTML 5Page - Monolithic Power Systems MA302 Datasheet HTML 6Page - Monolithic Power Systems MA302 Datasheet HTML 7Page - Monolithic Power Systems MA302 Datasheet HTML 8Page - Monolithic Power Systems MA302 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MA302 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MA302 Rev. 1.1
www.MonolithicPower.com
5
2/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
GENERAL CHARACTERISTICS
VDD = 3.3V, 45mT < B < 100mT, Temp = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Absolute Output
– Serial
Effective resolution
3σ deviation of the noise
distribution
11.0
11.8
12.8
bit
Noise rms
0.01
0.02
0.03
deg
Refresh rate
850
980
1100
kHz
Data output length
14
14
bit
Response Time
Power-up time (4)
12
ms
Latency (5)
Constant speed propagation
delay
8
10
µs
Filter cutoff frequency (4)
Fcutoff
390
Hz
Accuracy
INL at 25°C
At room temperature over the
full field range
0.7
deg
INL between -40°C to
+125°C (5)
Over the full temperature range
and field range
1.1
deg
Output Drift
Temperature induced drift at
room temperature (5)
0.015
0.04
deg/°C
Temperature induced
variation (5)
From 25°C to 85°C
0.5
1.2
deg
From 25°C to 125°C
1.0
2.1
deg
Magnetic field induced (5)
0.005
deg/mT
Voltage supply induced (5)
0.3
deg/V
Incremental Output
– ABZ
ABZ update rate
16
MHz
Resolution - edges per turn
Programmable
4
1024
Pulses per channel per turn
PPT+1
Programmable
1
256
ABZ hysteresis (5)
H
0.7
deg
Systematic jitter (5)
For PPT = 255, between 0 and
100krpm, up to 60mT
13
%
For PPT = 127, between 0 and
100krpm
7
%
Random
jitter (3σ)
For PPT = 255, between 0 and
100krpm
5.5
%
For PPT = 127, between 0 and
100krpm
2.8
%
Overall ABZ jitter (5)
Up to 60mT
0.3
deg
Incremental Output
– UVW
Cycle per turn
NPP
1
8
UVW hysteresis (5)
H
0.7
deg
UVW
jitter (3σ) (5)
0.1
0.3
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com