Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments INA240 Datasheet HTML 16Page - Texas Instruments INA240 Datasheet HTML 17Page - Texas Instruments INA240 Datasheet HTML 18Page - Texas Instruments INA240 Datasheet HTML 19Page - Texas Instruments INA240 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
8.4.4.1 Error Sources
The typical error sources that have the largest effect on the total error of the device are gain error, nonlinearity,
common-mode rejection ratio, and input offset voltage error. For the INA240, an additional error source (referred
to as the reference voltage rejection ratio) is also included in the total error value.
8.4.4.2 Reference Voltage Rejection Ratio Error
Reference voltage rejection ratio refers to the amount of error induced by applying a reference voltage to the
INA240 that deviates from the mid-point of the device supply voltage.
8.4.4.2.1 Total Error Example 1
Table 8-2. Total Error Calculation: Example 1(1)
TERM
SYMBOL
EQUATION
TYPICAL VALUE
Initial input offset voltage
VOS
—
5 µV
Added input offset voltage
because of common-mode
voltage
VOS_CM
´ (V
12V)
-
CM
1
CMRR_dB
20
(
10
0 µV
Added input offset voltage
because of reference
voltage
VOS_REF
RVRR × |VS / 2 – VREF|
0 µV
Total input offset voltage
VOS_Total
(V ) +(V
) +(V
)
OS
OS_CM
OS_REF
2
2
2
5 µV
Error from input offset
voltage
Error_VOS
V
V
OS_Total
SENSE
´ 100
0.05%
Gain error
Error_Gain
—
0.05%
Nonlinearity error
Error_Lin
—
0.01%
Total error
—
(Error_V ) +(Error_Gain) +(Error_Lin)
OS
2
2
2
0.07%
(1)
The data for Table 8-2 was taken with the INA240A4, VS = 5 V, VCM = 12 V, VREF1 = VREF2 = VS / 2, and VSENSE = 10 mV.
8.4.4.2.2 Total Error Example 2
Table 8-3. Total Error Calculation: Example 2(1)
TERM
SYMBOL
EQUATION
TYPICAL VALUE
Initial input offset voltage
VOS
—
5 µV
Added input offset voltage
because of common-mode
voltage
VOS_CM
´ (V
12V)
-
CM
1
CMRR_dB
20
(
10
12.1 µV
Added input offset voltage
because of reference
voltage
VOS_REF
RVRR × |VS / 2 – VREF|
5 µV
Total input offset voltage
VOS_Total
(V ) +(V
) +(V
)
OS
OS_CM
OS_REF
2
2
2
14 µV
Error from input offset
voltage
Error_VOS
V
V
OS_Total
SENSE
´ 100
0.14%
Gain error
Error_Gain
—
0.05%
Nonlinearity error
Error_Lin
—
0.01%
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com