Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA240 Datasheet HTML 15Page - Texas Instruments INA240 Datasheet HTML 16Page - Texas Instruments INA240 Datasheet HTML 17Page - Texas Instruments INA240 Datasheet HTML 18Page - Texas Instruments INA240 Datasheet HTML 19Page - Texas Instruments INA240 Datasheet HTML 20Page - Texas Instruments INA240 Datasheet HTML 21Page - Texas Instruments INA240 Datasheet HTML 22Page - Texas Instruments INA240 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
-100
-50
0
50
100
150
200
250
IB+
IB-
Figure 9-2. Input Bias Current vs Differential Input Voltage
The measurement error expected from the additional external filter resistors can be calculated using Equation 1,
where the gain error factor is calculated using Equation 2.
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
(1)
The gain error factor, shown in Equation 1, can be calculated to determine the gain error introduced by the
additional external series resistance. Equation 1 calculates the deviation of the shunt voltage resulting from the
attenuation and imbalance created by the added external filter resistance. Table 9-1 provides the gain error
factor and gain error for several resistor values.
S
3000
Gain Error Factor
R
3000
(2)
Where:
• RS is the external filter resistance value
Table 9-1. Gain Error Factor and Gain Error For External Input Resistors
EXTERNAL RESISTANCE (Ω)
GAIN ERROR FACTOR
GAIN ERROR (%)
5
0.998
0.17
10
0.997
0.33
100
0.968
3.23
www.ti.com
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com