Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Figure 8-1 shows the performance profile of the device over frequency. Harmonic distortion increases at the
upper end of the amplifier bandwidth with no adverse change in detection of overcurrent events. However,
increased distortion at the highest frequencies must be considered when the measured current bandwidth
begins to approach the INA240 bandwidth.
For applications requiring distortion sensitive signals, Figure 8-1 provides information to show that there is
an optimal frequency performance range for the amplifier. The full amplifier bandwidth is always available for
fast overcurrent events at the same time that the lower frequency signals are amplified at a low distortion
level. The output signal accuracy is reduced for frequencies closer to the maximum bandwidth. Individual
requirements determine the acceptable limits of distortion for high-frequency, current-sensing applications.
Testing and evaluation in the end application or circuit is required to determine the acceptance criteria and
to validate the performance levels meet the system specifications.
Frequency (Hz)
0.01%
0.1%
1%
10%
1
10
100
1k
10k
100k
1M
D006
90% FS Input
Figure 8-1. Performance Over Frequency
8.3.2 Selecting the Sense Resistor (RSENSE)
The INA240 determines the current magnitude from measuring the differential voltage developed across a
resistor. This resistor is referred to as a current-sensing resistor or a current-shunt resistor. The flexible design of
the device allows a wide input signal range across this current-sensing resistor.
The current-sensing resistor is ideally chosen solely based on the full-scale current to be measured, the
full-scale input range of the circuitry following the device, and the device gain selected. The minimum current-
sensing resistor is a design-based decision in order to maximize the input range of the signal chain circuitry.
Full-scale output signals that are not maximized to the full input range of the system circuitry limit the ability of
the system to exercise the full dynamic range of system control.
Two important factors to consider when finalizing the current-sensing resistor value are: the required current
measurement accuracy and the maximum power dissipation across the resistor. A larger resistor voltage
provides for a more accurate measurement, but increases the power dissipation in the resistor. The increased
power dissipation generates heat, which reduces the sense resistor accuracy because of the temperature
coefficient. The voltage signal measurement uncertainty is reduced when the input signal gets larger because
any fixed errors become a smaller percentage of the measured signal. The design trade-off to improve
measurement accuracy increases the current-sensing resistor value. The increased resistance value results
in an increased power dissipation in the system which can additionally decrease the overall system accuracy.
Based on these relationships, the measurement accuracy is inversely proportional to both the resistance value
and power dissipation contributed by the current-shunt selection.
By increasing the current-shunt resistor, the differential voltage is increased across the resistor. Larger input
differential voltages require a smaller amplifier gain to achieve a full-scale amplifier output voltage. Smaller
current-shunt resistors are desired but require large amplifier gain settings. The larger gain settings often have
increased error and noise parameters, which are not attractive for precision designs. Historically, the design
goals for high-performance measurements forced designers to accept selecting larger current-sense resistors
and the lower gain amplifier settings. The INA240 provides 100-V/V and 200-V/V gain options that offer the
www.ti.com
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com