Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 1 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With
Enhanced PWM Rejection
1 Features
• Enhanced PWM Rejection
• Excellent CMRR:
– 132-dB DC CMRR
– 93-dB AC CMRR at 50 kHz
• Wide Common-Mode Range: –4 V to 80 V
• Accuracy:
– Gain:
• Gain Error: 0.20% (Maximum)
• Gain Drift: 2.5 ppm/°C (Maximum)
– Offset:
• Offset Voltage: ±25 μV (Maximum)
• Offset Drift: 250 nV/°C (Maximum)
• Available Gains:
– INA240A1: 20 V/V
– INA240A2: 50 V/V
– INA240A3: 100 V/V
– INA240A4: 200 V/V
• Quiescent Current: 2.4 mA (Maximum)
2 Applications
• Motor Controls
• Solenoid and Valve Controls
• Power Management
• Actuator Controls
• Pressure Regulators
• Telecom Equipment
+
Supply
(2.7 V to 5.5 V)
IN+
IN±
REF2
REF1
OUT
Typical Application
3 Description
The INA240 device is a voltage-output, current-sense
amplifier with enhanced PWM rejection that can
sense drops across shunt resistors over a wide
common-mode voltage range from –4 V to 80 V,
independent of the supply voltage. The negative
common-mode voltage allows the device to operate
below ground, accommodating the flyback period
of typical solenoid applications. Enhanced PWM
rejection provides high levels of suppression for large
common-mode transients (ΔV/Δt) in systems that use
pulse width modulation (PWM) signals (such as motor
drives and solenoid control systems). This feature
allows for accurate current measurements without
large transients and associated recovery ripple on the
output voltage.
This device operates from a single 2.7-V to 5.5-V
power supply, drawing a maximum of 2.4 mA of
supply current. Four fixed gains are available: 20 V/V,
50 V/V, 100 V/V, and 200 V/V. The low offset of the
zero-drift architecture enables current sensing with
maximum drops across the shunt as low as 10-mV
full-scale. All versions are specified over the extended
operating temperature range (–40°C to +125°C), and
are offered in an 8-pin TSSOP and 8-pin SOIC
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA240
TSSOP (8)
3.00 mm × 4.40 mm
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Time (2 µs/div)
-30
-1.5
0
-1
30
-0.5
60
0
90
0.5
120
1
150
1.5
180
2
210
2.5
240
3
270
3.5
D004
270
Y1
240
210
180
150
3.50
Y1
3
2.5
2
1.5
Common-Mode Step
INA240 OUT
Enhanced PWM Rejection
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240 TI1-INA240 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 34P
Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
More results

Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V01 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A-Q1 TI-INA241A-Q1_V03 Datasheet
2Mb / 39P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com