Electronic Components Datasheet Search
  English  ▼

X  

INA240 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 3 Page - Texas Instruments

  INA240 Datasheet HTML 1Page - Texas Instruments INA240 Datasheet HTML 2Page - Texas Instruments INA240 Datasheet HTML 3Page - Texas Instruments INA240 Datasheet HTML 4Page - Texas Instruments INA240 Datasheet HTML 5Page - Texas Instruments INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Device Comparison
Table 5-1. Device Comparison
PRODUCT
GAIN (V/V)
INA240A1
20
INA240A2
50
INA240A3
100
INA240A4
200
6 Pin Configuration and Functions
1
NC
8
OUT
2
IN+
7
REF1
3
IN±
6
REF2
4
GND
5
VS
Not to scale
NC- no internal connection
Figure 6-1. INA240 PW Package 8-Pin TSSOP Top
View
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
VS
4
NC
5
OUT
Not to scale
NC- no internal connection
Figure 6-2. INA240 D Package 8-Pin SOIC Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
PW
(TSSOP)
D
(SOIC)
GND
4
2
Analog
Ground
IN–
3
1
Analog input Connect to load side of shunt resistor
IN+
2
8
Analog input Connect to supply side of shunt resistor
NC
1
4
—
Reserved. Connect to ground or leave floating
OUT
8
5
Analog
output
Output voltage
REF1
7
7
Analog input
Reference 1 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With
the Reference Pins section for connection options
REF2
6
3
Analog input
Reference 2 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With
the Reference Pins section for connection options
VS
5
6
—
Power supply, 2.7 V to 5.5 V
www.ti.com
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com