Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments INA351 Datasheet HTML 14Page - Texas Instruments INA351 Datasheet HTML 15Page - Texas Instruments INA351 Datasheet HTML 16Page - Texas Instruments INA351 Datasheet HTML 17Page - Texas Instruments INA351 Datasheet HTML 18Page - Texas Instruments INA351 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Capacitive Load (pF)
0
150
300
450
600
750
900
1050
0
5
10
15
20
TR01
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
VS = 5.5 V
G = 10
VOUT = 100 mVPP
Figure 6-43. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
150
300
450
600
750
900
1050
0
1
2
3
4
TR02
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
VS = 5.5 V
G = 20
VOUT = 100 mVPP
Figure 6-44. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
150
300
450
600
750
900
1050
0
0.5
1
1.5
2
TR03
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
VS = 5.5 V
G = 30
VOUT = 100 mVPP
Figure 6-45. Small-Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
150
300
450
600
750
900
1050
0.4
0.5
0.6
0.7
0.8
TR04
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
VS = 5.5 V
G = 50
VOUT = 100 mVPP
Figure 6-46. Small-Signal Overshoot vs Capacitive Load
Time (200 µs/div)
-1.5
-1
-0.5
0
0.5
1
1.5
TR05
VIN
VOUT
V+ = 2.75 V
V– = –2.75 V
G = 10
VOUT = 2 VPP
Figure 6-47. Large Signal Step Response
Time (5µs/div)
TR14
V+ = 2.75 V
V– = –2.75 V
G = 10
VOUT = 2 VPP
Figure 6-48. Large Signal Settling Time (Falling Edge)
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com