Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA351 Datasheet HTML 23Page - Texas Instruments INA351 Datasheet HTML 24Page - Texas Instruments INA351 Datasheet HTML 25Page - Texas Instruments INA351 Datasheet HTML 26Page - Texas Instruments INA351 Datasheet HTML 27Page - Texas Instruments INA351 Datasheet HTML 28Page - Texas Instruments INA351 Datasheet HTML 29Page - Texas Instruments INA351 Datasheet HTML 30Page - Texas Instruments INA351 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
8.2 Typical Applications
8.2.1 Resistive-Bridge Pressure Sensor
The INA351 is an integrated instrumentation amplifier that measures small differential voltages while
simultaneously rejecting larger common-mode voltages. The device offers a low power consumption of 110
µA (typical) and has a smaller form factor.
The device is designed for portable applications where sensors measure physical parameters, such as changes
in fluid, pressure, temperature, or humidity. An example of a pressure sensor used in the medical sector is in
portable infusion pumps or dialysis machines.
The pressure sensor is made of a piezo-resistive element that can be derived as a classical 4-resistor
Wheatstone bridge.
Occlusion (infusion of fluids, medication, or nutrients) happens only in one direction, and therefore can only
cause the resistive element (R) to expand. This expansion causes a change in voltage on one leg of the
Wheatstone bridge, which induces a differential voltage VDIFF.
Figure 8-4 shows an example circuit for an occlusion pressure sensor application, as required in infusion
pumps. When blockage (occlusion) occurs against a set-point value, the tubing depresses, thus causing the
piezo-resistive element to expand (Node AD: R + ΔR). The signal chain connected to the bridge downstream
processes the pressure change and can trigger an alarm.
GND
+
–
INA351
VOUT
VEXT = 5 V
0.1 F
VDIFF
ADC
Pressure
Occlusion
Sensor
µC
A
B
C
D
REF
1 F
VS = 5.5 V
1 F
R1
Figure 8-4. Resistive-Bridge Pressure Sensor
Low-tolerance bridge resistors must be used to minimize the offset and gain errors.
Given that there is only a positive differential voltage applied, this circuit is laid out in single-ended supply mode.
The excitation voltage, VEXT, to the bridge must be precise and stable; otherwise, measurement errors can be
introduced.
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com