Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA351 Datasheet HTML 24Page - Texas Instruments INA351 Datasheet HTML 25Page - Texas Instruments INA351 Datasheet HTML 26Page - Texas Instruments INA351 Datasheet HTML 27Page - Texas Instruments INA351 Datasheet HTML 28Page - Texas Instruments INA351 Datasheet HTML 29Page - Texas Instruments INA351 Datasheet HTML 30Page - Texas Instruments INA351 Datasheet HTML 31Page - Texas Instruments INA351 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
8.2.1.1 Design Requirements
For this application, the design requirements are as provided in Table 8-1.
Table 8-1. Design Requirements
DESCRIPTION
VALUE
Single supply voltage
VS = 5.5 V
Excitation voltage
VEXT = 5.0 V
Occlusion pressure range
P = 1 psi to 12 psi, increments of P = 0.5 psi
Occlusion pressure sensitivity
S = 2 ±0.5 (25%) mV/V/psi
Occlusion pressure impedance (R)
R = 4.99 kΩ ±50 Ω (0.1%)
Total pressure sampling rate
Sr = 20 Hz
Full-scale range of ADC
VADC(fs) = VOUT = 3.0 V
8.2.1.2 Detailed Design Procedure
This section provides basic calculations to lay out the instrumentation amplifier with respect to the given design
requirements.
One of the key considerations in resistive-bridge sensors is the common-mode voltage, VCM. If the bridge
is balanced (no pressure, thus no voltage change), VCM(zero) is half of the bridge excitation (VEXT). In this
example VCM (zero) is 2.5 V. For the maximum pressure of 12 psi, the bridge common-mode voltage, VCM(MAX), is
calculated by:
VCMMAX = VDIFF2 + VCMzero
(5)
where
VDIFF=SMAX × VEXT × PMAX = 2.5  mVV× psi × 5 V × 12 psi = 150 mV
(6)
Thus, the maximum common-mode voltage applied results in:
VCMMAX =150 mV2+ 2.5 V=2.575 V
(7)
Similarly, the minimum common-mode voltage can be calculated as,
VCMMIN =−150 mV2+ 2.5 V=2.425 V
(8)
The next step is to calculate the gain required for the given maximum sensor output voltage span, VDIFF, in
respect to the required VOUT, which is the full-scale range of the ADC.
The following equation calculates the gain value using the maximum input voltage and the required output
voltage:
G= VOUT
VDIFFMAX = 3.0 V150 mV=20 V/V
(9)
Considering the INA351 is a selectable gain INA with gain options of 10, 20, 30, 50, the INA351ABS with GS tied
high enables G = 20 maintaining the maximum output signal swing for the ADC.
Next, let us make sure that the INA351 can operate within this range checking the Input Common-Mode Voltage
vs Output Voltage curves in the Typical Characteristics section. The relevant figure is also in this section for
convenience. Looking at Figure 8-5, we can confirm that a output signal swing of 3 V is supported for the input
signal swing between 2.425 V and 2.575 V, thus making sure of the linear operation.
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com