Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 43 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA351 Datasheet(HTML) 43 Page - Texas Instruments

Back Button INA351 Datasheet HTML 39Page - Texas Instruments INA351 Datasheet HTML 40Page - Texas Instruments INA351 Datasheet HTML 41Page - Texas Instruments INA351 Datasheet HTML 42Page - Texas Instruments INA351 Datasheet HTML 43Page - Texas Instruments INA351 Datasheet HTML 44Page - Texas Instruments INA351 Datasheet HTML 45Page - Texas Instruments INA351 Datasheet HTML 46Page - Texas Instruments INA351 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (0.5)
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
10X (0.6)
4X (0.25)
(1.8)
(1.3)
4X (0.2)
2X (0.3)
X2QFN - 0.4 mm max height
RUG0010B
PLASTIC QUAD FLATPACK - NO LEAD
4220582/B 05/2025
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 35X
SEE SOLDER MASK
DETAIL
1
4
5
6
9
10
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com