Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PD Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7801PD
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7801PD Datasheet HTML 11Page - STMicroelectronics TDA7801PD Datasheet HTML 12Page - STMicroelectronics TDA7801PD Datasheet HTML 13Page - STMicroelectronics TDA7801PD Datasheet HTML 14Page - STMicroelectronics TDA7801PD Datasheet HTML 15Page - STMicroelectronics TDA7801PD Datasheet HTML 16Page - STMicroelectronics TDA7801PD Datasheet HTML 17Page - STMicroelectronics TDA7801PD Datasheet HTML 18Page - STMicroelectronics TDA7801PD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
DocID022674 Rev 4
15/48
TDA7801
Electrical specifications
NGT
Noise gating time
Fs = 44100 Hz
-
92
-
ms
EIN2
Output noise voltage
GV=GV1
GV=GV2
GV=GV3
GV=GV4
Bw=20 Hz to 20 kHz, un
weighted, noise gating off,
No input signal
-
44.2
42
31.2
21
88
84
63
42
µV
Turn on diagnostics speaker mode
Pgnd
Short to GND det. (below this
limit, the output is considered
in short circuit to GND)
--
-
1
V
Pvs
Short to Vs det. (above this
limit, the output is considered
in short circuit to VS)
-Vs – 1
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults).
-2
-
Vs – 2
V
Lsc
Shorted load det.
-
-
-
0.5
Lop
Normal load det.
-
1.65
-
25
Lnop
Open load det.
-
75
-
-
Td
Max diagnostic time
Input sampling frequency
Fs = 44100 Hz
-
-
190
ms
Turn on diagnostics booster mode
Pgnd
Short to GND det. (below this
limit, the output is considered
in short circuit to GND)
--
-
1
V
Pvs
Short to Vs det. (above this
limit, the output is considered
in short circuit to Vs)
-Vs – 1
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults).
-2
-
Vs – 2
V
Lsc
Shorted load det.
-
-
-
15
Lop
Normal load det.
-
0.065
-
1
k
Lnop
Open load det.
-
3.5
-
-
k
AC-diagnostic
IACTRESH
AC diagnostic current
threshold
IB4 – D6= ‘0’
250
375
500
mA
IB4 – D6= ‘1’
125
187
250
mA
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com