Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PD Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7801PD
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7801PD Datasheet HTML 19Page - STMicroelectronics TDA7801PD Datasheet HTML 20Page - STMicroelectronics TDA7801PD Datasheet HTML 21Page - STMicroelectronics TDA7801PD Datasheet HTML 22Page - STMicroelectronics TDA7801PD Datasheet HTML 23Page - STMicroelectronics TDA7801PD Datasheet HTML 24Page - STMicroelectronics TDA7801PD Datasheet HTML 25Page - STMicroelectronics TDA7801PD Datasheet HTML 26Page - STMicroelectronics TDA7801PD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DocID022674 Rev 4
23/48
TDA7801
Functional description
6
Functional description
6.1
Voltage supplies timing
TDA7801 internal voltage supplies rise time and fall time are determined by the two
capacitors at pin 16 and 17, respectively digital supply pin (D3V3) and analog supply pin
(A3V3). Capacitor on analog supply pin, (pin 17), and capacitor on digital supply, (pin 16),
should respect the ratio 2:1. It is suggested to fix a minimum value of 22 µF on digital supply
pin and 47 µF on analog supply pin, which correspond to a typical Turn-on time of 1.5 ms
and a typical turn-off time of 8.5 ms.
6.2
Turn-on diagnostic description
Turn-on diagnostic is activated under I2C bus request. Detectable output faults are:
Short to GND
Short to Vs
Short across the speaker
Open load
In the TDA7801 a new diagnostic that exploits the presence of D/A converters has been
implemented. To verify if some of the above connections are in place, a subsonic (inaudible)
voltage pulse is digitally and internally generated and converted (Figure 27). The amplitude
of this pulse is stopped when the current flowing through the speaker is the same as the
prefixed one corresponding to a specified load. The exact knowledge of the voltage drop
across the load in any phase of the diagnostic time gives the possibility to know the
connected load.
During the observation time, the measured load is compared with tabled values in order to
determine the result.
The turn-on diagnostic status is internally stored until a successive diagnostic pulse is
requested.
Figure 27. Turn-on diagnostic cycle. Positive and negative output behaviour
A turn-on diagnostic cycle is activated writing '1' on the D7 of byte IB0 only when the
amplifier is in Tristate-mode. Note that the turn-on diagnostic state machine is sensible to
the rise edge of this bit. To run another cycle of turn-on diagnostic it is necessary to:
1.
wait that the previous cycle ends;
2.
clear the D7-IB0 bit.
3.
write '1' on D7-IB0 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com