Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PD Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7801PD
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PD Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7801PD Datasheet HTML 32Page - STMicroelectronics TDA7801PD Datasheet HTML 33Page - STMicroelectronics TDA7801PD Datasheet HTML 34Page - STMicroelectronics TDA7801PD Datasheet HTML 35Page - STMicroelectronics TDA7801PD Datasheet HTML 36Page - STMicroelectronics TDA7801PD Datasheet HTML 37Page - STMicroelectronics TDA7801PD Datasheet HTML 38Page - STMicroelectronics TDA7801PD Datasheet HTML 39Page - STMicroelectronics TDA7801PD Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
I2C registers
TDA7801
36/48
DocID022674 Rev 4
9
I2C registers
9.1
IB0-Addr:"00000"
9.2
IB1-Addr:"00001"
Table 11. IB0-Addr:"00000"
Bit
Instruction decoding bit
D7
0: diagnostic defeat
1: diagnostic enable
D6
0: Speaker mode diagnostic ch. 1 and 3 (FRONT)
1: Booster mode diagnostic ch. 1 and 3
D5
0: Speaker mode diagnostic ch. 2 and 4 (REAR)
1: Booster mode diagnostic ch. 2 and 4
D4
Gain channel 1 and 3 (FRONT)
D4 D3
00 GV1
01 GV2
10 GV3
11 GV4
D3
D2
Gain channel 2 and 4 (REAR)
D2 D1
00 GV1
01 GV2
10 GV3
11 GV4
D1
D0
0: No increase of digital gain
1: +6dB increase of digital gain
Table 12. IB1-Addr:"00001"
Bit
Instruction decoding bit
D7
0: Amplifier mode off - Amplifier not working
1: Amplifier mode on - Amplifier working
D6
Mute Time Setting
D6 D5 D4
mute timing(Fs=44.1kHz)
000
1.45 ms
001
5.8 ms
010
11.6 ms
011
23.2 ms
100
34.8 ms
101
69.6 ms
110
140 ms
111
278 ms
D5
D4
D3
0: Mute channel 1 and 3 (FRONT)
1: Unmute channel 1 and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com