Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PD Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7801PD
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7801PD Datasheet HTML 13Page - STMicroelectronics TDA7801PD Datasheet HTML 14Page - STMicroelectronics TDA7801PD Datasheet HTML 15Page - STMicroelectronics TDA7801PD Datasheet HTML 16Page - STMicroelectronics TDA7801PD Datasheet HTML 17Page - STMicroelectronics TDA7801PD Datasheet HTML 18Page - STMicroelectronics TDA7801PD Datasheet HTML 19Page - STMicroelectronics TDA7801PD Datasheet HTML 20Page - STMicroelectronics TDA7801PD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DocID022674 Rev 4
17/48
TDA7801
Electrical specifications
3.4
Electrical characteristics typical curves
I2S pin
VIL-I2S
Input low voltage
-
-
-
0.8
V
VIH-I2S
Input high voltage
-
1.3
-
-
V
IIH
Input high current except WS
pin
VI = 3.3 V
-
-
5
µA
IIL
Input low current
VI = 0 V
-
-
5
µA
IIH_WS
Input high current for WS
VI = 3.3 V
-
70
150
µA
1. This has to be considered the maximum current value for a short time and not the standby current.
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Figure 7. Quiescent current vs. supply voltage Figure 8. Output power vs. supply voltage (4
)
Figure 9. Output power vs. supply voltage (2
)
Figure 10. Distortion vs. output power (4
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com