Electronic Components Datasheet Search
  English  ▼

X  

TDA7801PD Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7801PD
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801PD Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7801PD Datasheet HTML 33Page - STMicroelectronics TDA7801PD Datasheet HTML 34Page - STMicroelectronics TDA7801PD Datasheet HTML 35Page - STMicroelectronics TDA7801PD Datasheet HTML 36Page - STMicroelectronics TDA7801PD Datasheet HTML 37Page - STMicroelectronics TDA7801PD Datasheet HTML 38Page - STMicroelectronics TDA7801PD Datasheet HTML 39Page - STMicroelectronics TDA7801PD Datasheet HTML 40Page - STMicroelectronics TDA7801PD Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
DocID022674 Rev 4
37/48
TDA7801
I2C registers
9.3
IB2-Addr:"00010"
D2
0: Mute channel 2 and 4 (REAR)
1: Unmute channel 2 and 4
D1
Sample Frequency Range(1)
D1 D0
00
44.1/48 kHz
01
44.1/48 kHz
10
96 kHz
11
192 kHz
D0
1. When the amplifier is in Tristate Mode (IB0-D7=0 and IB1-D7=0), any accidental change of Frequency
sample is ignored.
Table 12. IB1-Addr:"00001" (continued)
Bit
Instruction decoding bit
Table 13. IB3-Addr:"00010"
Bit
Instruction decoding bit
D7
0: no short fault information on diag. pin
1: short fault information on diag. pin
D6
0: Offset information on diag pin
1: no offset information on diag pin
D5
Temperature warning information on diag. pin
D5 D4 D3
000 Tw1
001 Tw2
010 Tw3
011 Tw4
1xx no thermal warning information on diag. pin
D4
D3
D2
Clip detection level
D2 D1
00 1 %
01 5 %
10 10 %
11 clip detection disabled
D1
D0
0 (no selectable from user)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com