Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM76002
Description  LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 17Page - Texas Instruments LM76002 Datasheet HTML 18Page - Texas Instruments LM76002 Datasheet HTML 19Page - Texas Instruments LM76002 Datasheet HTML 20Page - Texas Instruments LM76002 Datasheet HTML 21Page - Texas Instruments LM76002 Datasheet HTML 22Page - Texas Instruments LM76002 Datasheet HTML 23Page - Texas Instruments LM76002 Datasheet HTML 24Page - Texas Instruments LM76002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
PG
PGB
PGT
PU
PG
V
R
=
R
V
V
V
PU
R
PGT
R
PGB
PGOOD
21
LM76002, LM76003
www.ti.com
SNVSAK0A – OCTOBER 2017 – REVISED OCTOBER 2019
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 20. PGOOD Resistor Divider
For given pullup voltage VPU and desired voltage on PGOOD pin is VPG and with RPGT chosen, value for RPGB
can be calculated using Equation 14:
(14)
7.3.12 Overcurrent and Short-Circuit Protection
The LM76002/LM76003 is protected from overcurrent conditions by cycle-by-cycle current limiting on both peak
and valley of the inductor current. Hiccup mode is activated if a fault condition persists to prevent overheating.
High-side MOSFET overcurrent protection is implemented by the nature of the peak current-mode control. The
HS switch current is sensed when the HS is turned on after a blanking time. The HS switch current is compared
to the either the minimum of a fixed current set point (ISC) or the output of the voltage regulation loop minus slope
compensation every switching cycle. The slope compensation increases with duty cycle and tends to lower the
HS current limit above 60% duty cycle as it lowers below ISC. See Typical Characteristics.
When the LS switch is turned on, the current going through it is also sensed and monitored. Before turning off
the LS switch at the end of every clock cycle, the LS current is compared to the LS current limit. If the LS current
limit is exceeded, the LS MOSFET stays on, and the HS switch is not turned on. The LS switch is kept ON so
that inductor current keeps ramping down, until the inductor current ramps below ILSLIMIT. The LS switch is turned
off once the LS current falls below the limit, and the HS switch is turned on again after a dead time.
If the current of the LS switch is higher than the LS current limit for 128 consecutive cycles, and the feedback
voltage falls 60% below regulation, hiccup current-protection mode is activated. In hiccup mode, the regulator is
shut down and kept off for 40 ms typically before the LM76002/LM76003 tries to start again. If overcurrent or a
short-circuit fault condition still exists, hiccup repeats until the fault condition is removed. Hiccup mode reduces
power dissipation under severe overcurrent conditions, and prevents overheating and potential damage to the
device. Under non-severe overcurrent conditions when the feedback voltage has not fallen 60% below regulation,
the LM76002/LM76003 reduces the switching frequency and keeps the inductor current valley clamped at the LS
current limit level. This operation mode allows slight overcurrent operation during load transients without tripping
hiccup.
If tracking was used for initial sequencing the device attempts to restart using the internal soft-start circuit until
the tracking voltage is reached.
7.3.13 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the internal switches when the device junction
temperature exceeds 160°C (typical). After thermal shutdown occurs, hysteresis prevents the device from
switching until the junction temperature drops to approximately 135°C. When the junction temperature falls below
135°C, the LM76002/LM76003 attempts to soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com