Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM76002
Description  LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76002 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 30Page - Texas Instruments LM76002 Datasheet HTML 31Page - Texas Instruments LM76002 Datasheet HTML 32Page - Texas Instruments LM76002 Datasheet HTML 33Page - Texas Instruments LM76002 Datasheet HTML 34Page - Texas Instruments LM76002 Datasheet HTML 35Page - Texas Instruments LM76002 Datasheet HTML 36Page - Texas Instruments LM76002 Datasheet HTML 37Page - Texas Instruments LM76002 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Load Current (A)
0.001
0.01
0.1
1
5
5
11.8
11.85
11.9
11.95
12
12.05
12.1
12.15
12.2
12.25
12.3
12.35
12.4
D021
VIN = 24 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
11.8
11.85
11.9
11.95
12
12.05
12.1
12.15
12.2
12.25
12.3
12.35
12.4
D021
VIN = 24 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0.001
0.01
0.1
1
5
5
4.8
4.84
4.88
4.92
4.96
5
5.04
5.08
5.12
5.16
5.2
D019
VIN = 12 V
VIN = 24 V
VIN = 48 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D019
VIN = 12 V
VIN = 24 V
VIN = 48 V
Load Current (A)
0.001
0.01
0.1
1
5
5
4.8
4.84
4.88
4.92
4.96
5
5.04
5.08
5.12
5.16
5.2
D017
VIN = 12 V
VIN = 24 V
VIN = 48 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D017
VIN = 12 V
VIN = 24 V
VIN = 48 V
34
LM76002, LM76003
SNVSAK0A – OCTOBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Unless otherwise specified the following conditions apply:
VOUT = 5 V
fSW = 1000 kHz
Auto Mode
Figure 41. LM76003 Load and Line Regulation
VOUT = 5 V
fSW = 1000 kHz
FPWM Mode
Figure 42. LM76003 Load and Line Regulation
VOUT = 5 V
fSW = 2200 kHz
Auto Mode
Figure 43. LM76003 Load and Line Regulation
VOUT = 5 V
fSW = 2200 kHz
FPWM Mode
Figure 44. LM76003 Load and Line Regulation
VOUT = 12 V
fSW = 500 kHz
Auto Mode
Figure 45. LM76003 Load and Line Regulation
VOUT = 12 V
fSW = 500 kHz
FPWM Mode
Figure 46. LM76003 Load and Line Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com