Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM76002
Description  LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 8Page - Texas Instruments LM76002 Datasheet HTML 9Page - Texas Instruments LM76002 Datasheet HTML 10Page - Texas Instruments LM76002 Datasheet HTML 11Page - Texas Instruments LM76002 Datasheet HTML 12Page - Texas Instruments LM76002 Datasheet HTML 13Page - Texas Instruments LM76002 Datasheet HTML 14Page - Texas Instruments LM76002 Datasheet HTML 15Page - Texas Instruments LM76002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
REF
PVIN
BIAS
PGOOD
EN
CONTROL LOGIC
AGND
PGND
Oscillator
LDO
SYNC/
MODE
VCC
SW
FB
HS I Sense
EA
RT
UVLO
HICCUP
Detector
Internal
SS
OV/UV
Detector
+
PFM
Detector
Slope Comp
+
±
Precision
Enable
LS I Sense
PGood
FB
RC
CC
ISSC
ICMD
ICMD
+
±
VCC
CLK
FPWM
TSD
VBOOT
VBOOT
UVLO
SS/TRK
BOOT
12
LM76002, LM76003
SNVSAK0A – OCTOBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM76002/LM76003 regulator is an easy-to-use synchronous step-down DC-DC converter that operates from
3.5-V to 60-V supply voltage. The device is capable of delivering up to 2.5-A or 3.5-A DC load current with
exceptional efficiency and thermal performance in a very small solution size.
The LM76002/LM76003 employs fixed-frequency peak-current-mode control with configurable discontinuous
conduction mode (DCM) and pulse frequency modulation (PFM) mode at light load to achieve high efficiency
across the load range. The device can also be configured as forced-PWM (FPWM) operation to keep constant
switching frequency over the load range. The device is internally compensated, which reduces design time and
requires fewer external components. The switching frequency is programmable from 300 kHz to 2.2 MHz by an
external resistor. The LM76002/LM76003 is also capable of synchronization to an external clock operating within
the 300-kHz to 2.2-MHz frequency range. The wide switching frequency range allows the device to meet a wide
range of design requirements. It can be optimized to very small solution size with higher frequency or to very
high efficiency with lower switching frequency. It has very small minimum HS MOSFET on-time (tON-MIN) and
minimum off-time (tOFF-MIN) to provide wide range of voltage conversion. Automated frequency foldback is
employed under tON-MIN or tOFF-MIN condition to further extend the operation range.
The LM76002/LM76003 also features a power-good (PGOOD) flag, precision enable, internal or adjustable soft-
start rate, start-up with pre-bias voltage, and output voltage tracking. It provides a both flexible and easy-to-use
solution for wide range of applications. Protection features include thermal shutdown, VCC undervoltage lockout,
cycle-by-cycle current limiting, and short-circuit hiccup protection.
The family requires very few external components and has a pinout designed for simple, optimum PCB layout for
EMI and thermal performance. The LM76002/LM76003 device is available in a 30-pin WQFN lead-less package.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com