Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM76002
Description  LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76002 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 24Page - Texas Instruments LM76002 Datasheet HTML 25Page - Texas Instruments LM76002 Datasheet HTML 26Page - Texas Instruments LM76002 Datasheet HTML 27Page - Texas Instruments LM76002 Datasheet HTML 28Page - Texas Instruments LM76002 Datasheet HTML 29Page - Texas Instruments LM76002 Datasheet HTML 30Page - Texas Instruments LM76002 Datasheet HTML 31Page - Texas Instruments LM76002 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
SW
OUT
D '
1
ESR <
+ 0.5
f
C
r
·
§
u ¨
¸
u
©
¹
2
OUT
SW
OUT
OUT
1
r
C
(1 D )
D
(1 r)
(f
r
V
/ I
)
12
ª
º
·
§
c
c
!
u
u
u
«
»
¸
¨¨
¸
u u '
«
»
©
¹
¬
¼
28
LM76002, LM76003
SNVSAK0A – OCTOBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
In general, it is preferable to choose lower inductance in switching power supplies, because it usually
corresponds to faster transient response, smaller DCR, and reduced size for more compact designs. However,
too low of an inductance can generate too large of an inductor current ripple such that overcurrent protection at
the full load could be falsely triggered. It also generates more conduction loss because the RMS current is
slightly higher relative that with lower current ripple at the same DC current. Larger inductor current ripple also
implies larger output voltage ripple with the same output capacitors. With peak-current-mode control, it is not
recommended to have an inductor current ripple that is too small. Enough inductor current ripple improves signal-
to-noise ratio on the current comparator and makes the control loop more immune to noise.
Once the inductance is determined, the type of inductor must be selected. Ferrite designs have very low core
losses and are preferred at high switching frequencies, so design goals can concentrate on copper loss and
preventing saturation. Ferrite core material saturates hard, which means that inductance collapses abruptly when
the peak design current is exceeded. The hard saturation results in an abrupt increase in inductor ripple current
and consequent output voltage ripple. Do not allow the core to saturate.
For the design example, a standard 10-μH inductor from Wurth, Coiltronics, or Vishay can be used for the 3.3-V
output with plenty of current rating margin.
8.2.2.6 Output Capacitor Selection
The device is designed to be used with a wide variety of LC filters. TI generally recommends using as little output
capacitance as possible to keep cost and size down. Choose the output capacitor(s), COUT, with care as it
directly affects the steady-state output-voltage ripple, loop stability, and the voltage over/undershoot during load
current transients.
The output voltage ripple is essentially composed of two parts. One is caused by the inductor current ripple going
through the equivalent series resistance (ESR) of the output capacitors:
ΔVOUT-ESR = ΔiL × ESR
(21)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
ΔVOUT-C = ΔiL / (8 × fSW × COUT)
(22)
The two components in the voltage ripple are not in phase, so the actual peak-to-peak ripple is smaller than the
sum of the two peaks.
Output capacitance is usually limited by transient performance specifications if the system requires tight voltage
regulation in the presence of large current steps and fast slew rates. When a fast large load transient happens,
output capacitors provide the required charge before the inductor current can slew to the appropriate level. The
initial output voltage step is equal to the load current step multiplied by the ESR. VOUT continues to droop until
the control loop response increases or decreases the inductor current to supply the load. To maintain a small
overshoot or undershoot during a transient, small ESR, and large capacitance are desired. But these also come
with higher cost and size. Thus, the motivation is to seek a fast control loop response to reduce the output
voltage deviation.
For a given input and output requirement, Equation 23 gives an approximation for an absolute minimum output
cap required:
(23)
Along with this for the same requirement, calculate the maximum ESR as per Equation 24
where
•
r = Ripple ratio of the inductor ripple current (ΔiL / IOUT)
•
ΔVO = target output voltage undershoot
•
D’ = 1 – duty cycle
•
fSW = switching frequency
•
IOUT = load current
(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com