Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM76002
Description  LM76002/LM76003 3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76002 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 28Page - Texas Instruments LM76002 Datasheet HTML 29Page - Texas Instruments LM76002 Datasheet HTML 30Page - Texas Instruments LM76002 Datasheet HTML 31Page - Texas Instruments LM76002 Datasheet HTML 32Page - Texas Instruments LM76002 Datasheet HTML 33Page - Texas Instruments LM76002 Datasheet HTML 34Page - Texas Instruments LM76002 Datasheet HTML 35Page - Texas Instruments LM76002 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Load Current (A)
0.001
0.01
0.1
1
5
5
0
20
40
60
80
100
120
D022
VIN = 32 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
120
D022
VIN = 32 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0.001
0.01
0.1
1
5
5
0
20
40
60
80
100
120
D020
VIN = 24 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
120
D020
VIN = 24 V
VIN = 48 V
VIN = 60 V
Load Current (A)
0.001
0.01
0.1
1
5
5
0
10
20
30
40
50
60
70
80
90
100
D018
VIN = 12 V
VIN = 24 V
VIN = 48 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
70
80
90
100
D018
VIN = 12 V
VIN = 24 V
VIN = 48 V
32
LM76002, LM76003
SNVSAK0A – OCTOBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Unless otherwise specified the following conditions apply:
VOUT = 5 V
fSW = 2200 kHz
Auto Mode
Figure 29. LM76003 Efficiency
VOUT = 5 V
fSW = 2200 kHz
FPWM Mode
Figure 30. LM76003 Efficiency
VOUT = 12 V
fSW = 500 kHz
Auto Mode
Figure 31. LM76003 Efficiency
VOUT = 12 V
fSW = 500 kHz
FPWM Mode
Figure 32. LM76003 Efficiency
VOUT = 24 V
fSW = 300 kHz
Auto Mode
Figure 33. LM76003 Efficiency
VOUT = 24 V
fSW = 300 kHz
FPWM Mode
Figure 34. LM76003 Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com