Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMC555
Description  LMC555 CMOS Timer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC555 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC555 Datasheet HTML 13Page - Texas Instruments LMC555 Datasheet HTML 14Page - Texas Instruments LMC555 Datasheet HTML 15Page - Texas Instruments LMC555 Datasheet HTML 16Page - Texas Instruments LMC555 Datasheet HTML 17Page - Texas Instruments LMC555 Datasheet HTML 18Page - Texas Instruments LMC555 Datasheet HTML 19Page - Texas Instruments LMC555 Datasheet HTML 20Page - Texas Instruments LMC555 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
8.3 Power Supply Recommendations
The LMC555 requires a voltage supply within 1.5 V to 15 V. Adequate power supply bypassing is necessary
to protect associated circuitry; the minimum recommended is 0.1 μF in parallel with 1-μF electrolytic. Place the
bypass capacitors as close as possible to the LMC555 and minimize the trace length.
8.4 Layout
8.4.1 Layout Guidelines
Standard PCB rules apply to routing the LMC555. Keep the 0.1 µF capacitor in parallel with a 1-µF electrolytic
capacitor as close as possible to the LMC555. Place the capacitor used for the time delay as close as possible
to the DISCHARGE pin. Use a ground plane on the bottom layer to provide better noise immunity and signal
integrity.
8.4.2 Layout Example
The figure below is the basic layout for various applications.
• C1 – based on time delay calculations
• C2 – 0.01 µF bypass capacitor for control voltage pin
• C3 – 0.1 µF bypass ceramic capacitor
• C4 – 1-µF electrolytic bypass capacitor
• R1 – based on time delay calculations
• U1 – LMC555
C
4
V+
C
3
R
1
C
1
C
2
CONTROL
VOLTAGE
GND
8
7
6
5
1
2
3
4
OUTPUT
TRIGGER
RESET
GND
If reset feature is not
used, connect
RESET to V+
GND
Figure 8-10. PCB Layout
www.ti.com
LMC555
SNAS558N – JANUARY 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com