Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMC555
Description  LMC555 CMOS Timer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC555 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC555 Datasheet HTML 6Page - Texas Instruments LMC555 Datasheet HTML 7Page - Texas Instruments LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments LMC555 Datasheet HTML 10Page - Texas Instruments LMC555 Datasheet HTML 11Page - Texas Instruments LMC555 Datasheet HTML 12Page - Texas Instruments LMC555 Datasheet HTML 13Page - Texas Instruments LMC555 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
When the reset function is not used, connect the RESET pin to V+ to avoid any possibility of false triggering.
Figure 7-4 is a nomograph for easy determination of RC values for various time delays.
Note
In monostable operation, drive the trigger high before the end of timing cycle.
Figure 7-4. Time Delay
7.4.2 Astable Operation
If the circuit is connected as shown in Figure 7-5 (TRIGGER and THRESHOLD pins connected together), the
circuit triggers and free runs as a multivibrator. The external capacitor charges through RA + RB and discharges
through RB. Thus, the duty cycle can be precisely set by the ratio of these two resistors.
Figure 7-5. Astable (Variable Duty Cycle Oscillator)
In this mode of operation, the capacitor charges and discharges between 1/3 VS and 2/3 VS. As in the triggered
mode, the charge and discharge times, and therefore, the frequency are independent of the supply voltage.
Figure 7-6 shows the waveform generated in this mode of operation.
LMC555
SNAS558N – JANUARY 2000 – REVISED MARCH 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com