Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC555
Description  LMC555 CMOS Timer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC555 Datasheet(HTML) 5 Page - Texas Instruments

  LMC555 Datasheet HTML 1Page - Texas Instruments LMC555 Datasheet HTML 2Page - Texas Instruments LMC555 Datasheet HTML 3Page - Texas Instruments LMC555 Datasheet HTML 4Page - Texas Instruments LMC555 Datasheet HTML 5Page - Texas Instruments LMC555 Datasheet HTML 6Page - Texas Instruments LMC555 Datasheet HTML 7Page - Texas Instruments LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5.5 Electrical Characteristics
Test Circuit, T = 25°C, all switches open, RESET to VS unless otherwise noted(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Supply current
VS = 1.5 V
130
200
µA
VS = 5 V
180
250
VS = 12 V
220
400
VCTRL
Control voltage
VS = 1.5 V
0.8
1.0
1.2
V
VS = 5 V
2.9
3.3
3.8
VS = 12 V
7.4
8.0
8.6
VDIS
Discharge saturation voltage
VS = 1.5 V, IDIS = 1 mA
75
150
mV
VS = 5 V, IDIS = 10 mA
150
300
VOL
Output voltage (low)
VS = 1.5 V, IO = 1 mA
0.2
0.4
V
VS = 5 V, IO = 8 mA
0.3
0.6
VS = 12 V, IO = 50 mA
1.0
2.0
VOH
Output voltage
(high)
VS = 1.5 V, IO = −0.25 mA
1.0
1.25
V
VS = 5 V, IO = −2 mA
4.4
4.7
VS = 12 V, IO = −10 mA
10.5
11.3
VTRIG
Trigger voltage
VS = 1.5 V
0.4
0.5
0.6
V
VS = 12 V
3.7
4.0
4.3
ITRIG
Trigger current
VS = 5 V
10
pA
VRES
Reset voltage
VS = 1.5 V (2)
0.4
0.7
1.0
V
VS = 12 V
0.4
0.75
1.1
IRES
Reset current
VS = 5 V, VRES = VS
10
pA
VS = 5 V, VRES = 0 V
5.9
µA
ITHRESH
Threshold current
VS = 5 V
10
pA
IDIS
Discharge leakage
VS = 12 V
1.0
100
nA
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
If the RESET pin is to be used at temperatures of −20°C and less, then ensure that VS is 2.0 V or greater.
5.6 Switching Characteristics
Test Circuit, T = 25°C, all switches open, RESET to VS unless otherwise noted.(1) Characteristic values are specified by
design, characterization, or both.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Timing accuracy
SW 2, 4 closed
VS = 1.5 V
0.9
1.1
1.25
ms
VS = 5 V
1.0
1.1
1.20
VS = 12 V
1.0
1.1
1.25
Δt/ΔVS
Timing shift with supply
VS = 5 V ± 1 V
0.3
%/V
Δt/ΔT
Timing shift with
temperature
VS = 5 V
75
ppm/°C
fA
Astable frequency
SW 1, 3 closed, VS = 12 V
4.0
4.8
5.6
kHz
fMAX
Maximum frequency
Maximum frequency test circuit, VS = 5 V
3.0
MHz
tR, tF
Output rise and
fall times
Maximum frequency test circuit
VS = 5 V, CL = 10 pF
15
ns
tPD
Trigger propagation
delay
VS = 5 V, measure delay
from trigger to output
100
ns
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
www.ti.com
LMC555
SNAS558N – JANUARY 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com