Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMC555
Description  LMC555 CMOS Timer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC555 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments LMC555 Datasheet HTML 10Page - Texas Instruments LMC555 Datasheet HTML 11Page - Texas Instruments LMC555 Datasheet HTML 12Page - Texas Instruments LMC555 Datasheet HTML 13Page - Texas Instruments LMC555 Datasheet HTML 14Page - Texas Instruments LMC555 Datasheet HTML 15Page - Texas Instruments LMC555 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LMC555 timer can be used a various configurations, but the most commonly used configuration is in
monostable mode. A typical application for the LMC555 timer in monostable mode is to turn on an LED for a
specific time duration. A pushbutton is used as the trigger to output a high pulse when trigger pin is pulsed low.
This simple application can be modified to fit any application requirement.
8.2 Typical Applications
8.2.1 Flash LED in Monostable Mode
Figure 8-1 shows the schematic of an LMC555 that flashes an LED in monostable mode.
Figure 8-1. Schematic of Monostable Mode to Flash an LED
8.2.1.1 Design Requirements
The main design requirement for this application requires calculating the duration of time that the output stays
high. The duration of time depends on the R and C values (shown in Figure 7-4) and is calculated by the
following equation:
t = 1.1 × R × C seconds
(6)
LMC555
SNAS558N – JANUARY 2000 – REVISED MARCH 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com