Electronic Components Datasheet Search
  English  ▼

X  

LMC555 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC555
Description  LMC555 CMOS Timer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC555 Datasheet(HTML) 3 Page - Texas Instruments

  LMC555 Datasheet HTML 1Page - Texas Instruments LMC555 Datasheet HTML 2Page - Texas Instruments LMC555 Datasheet HTML 3Page - Texas Instruments LMC555 Datasheet HTML 4Page - Texas Instruments LMC555 Datasheet HTML 5Page - Texas Instruments LMC555 Datasheet HTML 6Page - Texas Instruments LMC555 Datasheet HTML 7Page - Texas Instruments LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
4 Pin Configuration and Functions
Figure 4-1. D Package, 8-Pin SOIC,
DGK Package, 8-Pin VSSOP,
and P Package, 8-Pin PDIP (Top View)
Figure 4-2. YPB Package, 8-Pin DSBGA (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC),
DGK (VSSOP),
P (PDIP)
YPB (DSBGA)
CONTROL
VOLTAGE
5
C1
Input
Control voltage controls the threshold and trigger levels. This pin determines
the pulse duration of the output waveform. An external voltage applied to this
pin can also be used to modulate the output waveform.
DISCHARGE
7
A1
Input
Open collector output that discharges a capacitor between intervals (in
phase with output). This pin toggles the output from high to low when voltage
reaches 2/3 of the supply voltage (V+).
GROUND
1
A3
Power
Ground reference voltage
OUTPUT
3
C3
Output
Output driven waveform
RESET
4
C2
Input
Negative pulse applied to this pin to disable or reset the timer. When not
used for reset purposes, connect this pin to V+ to avoid false triggering.
THRESHOLD
6
B1
Input
Compares the voltage applied to the pin with a reference voltage of 2/3 V+.
The amplitude of voltage applied to this pin is responsible for the set state of
the flip-flop.
TRIGGER
2
B3
Input
Responsible for transition of the flip-flop from set to reset. The output of the
timer depends on the amplitude of the external trigger pulse applied to this
pin.
V+
8
A2
Power
Supply voltage with respect to ground
www.ti.com
LMC555
SNAS558N – JANUARY 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com