Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 56 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 56 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 52Page - Texas Instruments LMX2572LP Datasheet HTML 53Page - Texas Instruments LMX2572LP Datasheet HTML 54Page - Texas Instruments LMX2572LP Datasheet HTML 55Page - Texas Instruments LMX2572LP Datasheet HTML 56Page - Texas Instruments LMX2572LP Datasheet HTML 57Page - Texas Instruments LMX2572LP Datasheet HTML 58Page - Texas Instruments LMX2572LP Datasheet HTML 59Page - Texas Instruments LMX2572LP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
56
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 121. Register R114 Field Descriptions (continued)
Bit
Field
Type Reset
Description
1 - 0
FSK_MODE_SEL
R/W
0h
Defines FSK mode.
0: Not used
1: FSK I2S
2: FSK SPI
3: FSK SPI FAST
7.6.116 Register R115 (offset = 73h) [reset = 0000h]
Figure 143. Register R115
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
FSK_DEV_SCALE
0
0
0
R/W-0h
R/W-0h
R/W-0h
Table 122. Register R115 Field Descriptions
Bit
Field
Type Reset
Description
15 - 8
R/W
0h
Program 0h to this field.
7 - 3
FSK_DEV_SCALE
R/W
0h
The FSK deviation will be scaled by 2FSK_DEV_SCALE.
2 - 0
R/W
0h
Program 0h to this field.
7.6.117 Register R116 (offset = 74h) [reset = 0000h]
Figure 144. Register R116
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FSK_DEV0
R/W-0h
Table 123. Register R116 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
FSK_DEV0
R/W
0h
Defines the desired frequency deviation in FSK SPI mode.
7.6.118 Register R117 (offset = 75h) [reset = 0000h]
Figure 145. Register R117
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FSK_DEV1
R/W-0h
Table 124. Register R117 Field Descriptions
Bit
Field
Type Reset
Description
15 - 0
FSK_DEV1
R/W
0h
Defines the desired frequency deviation in FSK SPI mode.
7.6.119 Register R118 (offset = 76h) [reset = 0000h]
Figure 146. Register R118
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FSK_DEV2
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com