Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 14 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 10Page - Texas Instruments LMX2572LP Datasheet HTML 11Page - Texas Instruments LMX2572LP Datasheet HTML 12Page - Texas Instruments LMX2572LP Datasheet HTML 13Page - Texas Instruments LMX2572LP Datasheet HTML 14Page - Texas Instruments LMX2572LP Datasheet HTML 15Page - Texas Instruments LMX2572LP Datasheet HTML 16Page - Texas Instruments LMX2572LP Datasheet HTML 17Page - Texas Instruments LMX2572LP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
VCO
RFoutA
÷2,4,8,16,
32,64,128,
256
RFoutB
14
LMX2572LP
SNAS764 – MAY 2018
www.ti.com
Product Folder Links: LMX2572LP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.3.4 PLL N Divider and Fractional Circuitry
The N divider includes fractional compensation and can achieve any fractional denominator (PLL_DEN) from 1 to
(232 – 1). The integer portion of N (PLL_N) is the whole part of the N divider value, and the fractional portion,
Nfrac = PLL_NUM / PLL_DEN, is the remaining fraction. PLL_N, PLL_NUM and PLL_DEN are software
programmable. The higher the denominator, the finer the resolution step of the output. For example, even when
using fPD = 200 MHz, the output can increment in steps of 200 MHz / (2
32 – 1) = 0.0466 Hz. Equation 2 shows
the relationship between the phase detector and VCO frequencies. Note that in SYNC mode, there is an extra
divider that is not shown in Equation 2.
fVCO = fPD × [PLL_N + (PLL_NUM / PLL_DEN)]
(2)
The multi-stage noise-shaping (MASH) sigma-delta modulator that controls the fractional division is also
programmable from integer mode to fourth order. All of these settings work for integer channel where PLL_NUM
= 0. To make the fractional spurs consistent, the modulator is reset any time that the R0 register is programmed.
The N divider has minimum value restrictions based on the modulator order. Furthermore, the PFD_DLY_SEL bit
must be programmed in accordance to Table 3.
Table 3. Minimum N Divider Restrictions
VCO
FREQUENCY
(GHz)
MASH ORDER
INTEGER
FIRST ORDER
SECOND ORDER
THIRD ORDER
FOURTH ORDER
N
PFD_DLY_SEL
N
PFD_DLY_SEL
N
PFD_DLY_SEL
N
PFD_DLY_SEL
N
PFD_DLY_SEL
fVCO < 4
20
0
25
1
26
1
32
2
44
4
4
≤ fVCO < 4.9
24
1
29
2
30
2
32
2
44
4
4.9
≤ fVCO ≤ 6.4
24
1
29
2
30
2
36
3
48
5
7.3.5 Voltage-Controlled Oscillator
The LMX2572LP includes a fully integrated VCO. The VCO generates a frequency which varies with the tuning
voltage from the loop filter. The entire VCO frequency range, 3.2 to 6.4 GHz, covers an octave that allows the
channel divider to take care of frequencies below the lower bound.
To reduce the VCO tuning gain, thus improving the VCO phase noise performance, the VCO frequency range is
divided into 6 different frequency bands. This creates the need for frequency calibration to determine the correct
frequency band given in a desired output frequency. The VCO is also calibrated for amplitude to optimize phase
noise. These calibration routines are activated any time that the R0 register is programmed with the FCAL_EN bit
equals one. It is important that a valid OSCin signal must present before VCO calibration begins. This device will
support a full sweep of the valid temperature range of 125°C (–40°C to 85°C) without having to re-calibrate the
VCO. This is important for continuous operation of the synthesizer under the most extreme temperature variation.
7.3.6 Channel Divider
To go below the VCO lower bound of 3.2 GHz, the channel divider can be used. The channel divider consists of
several segments, and the total division value is equal to the multiplication of them. Therefore, not all values are
valid.
Figure 22. Channel Divider
7.3.7 Output Buffer
The output buffers are differential push-pull type buffers, thus no external pullup to VCC is required. The output
impedance of the buffer is very small, and as such, the buffer can be AC-coupled to drive a 50-Ω load. Output
power of the buffer can be programed to various levels. The buffer can be disabled while still keeping the PLL in
lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com