Electronic Components Datasheet Search
  English  ▼

X  

LMX2572LP Datasheet(PDF) 80 Page - Texas Instruments

Part # LMX2572LP
Description  LMX2572LP 2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2572LP Datasheet(HTML) 80 Page - Texas Instruments

Back Button LMX2572LP Datasheet HTML 75Page - Texas Instruments LMX2572LP Datasheet HTML 76Page - Texas Instruments LMX2572LP Datasheet HTML 77Page - Texas Instruments LMX2572LP Datasheet HTML 78Page - Texas Instruments LMX2572LP Datasheet HTML 79Page - Texas Instruments LMX2572LP Datasheet HTML 80Page - Texas Instruments LMX2572LP Datasheet HTML 81Page - Texas Instruments LMX2572LP Datasheet HTML 82Page - Texas Instruments LMX2572LP Datasheet HTML 83Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
www.ti.com
PACKAGE OUTLINE
C
40X
0.3
0.2
4.5
0.1
40X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
36X 0.5
2X
4.5
2X 4.5
A
6.1
5.9
B
6.1
5.9
0.3
0.2
0.5
0.3
(0.1)
VQFN - 1 mm max height
RHA0040H
PLASTIC QUAD FLATPACK - NO LEAD
4219055/B 08/22/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
10
21
30
11
20
40
31
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
DETAIL
SEE TERMINAL
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
41
SEE SIDE WALL
DETAIL
SCALE 2.200
DETAIL
OPTIONAL TERMINAL
TYPICAL
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com